Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3525 Datasheet(PDF) 4 Page - Motorola, Inc

Part # SG3525
Description  PULSE WIDTH MODULATOR CONTROL CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SG3525 Datasheet(HTML) 4 Page - Motorola, Inc

  SG3525 Datasheet HTML 1Page - Motorola, Inc SG3525 Datasheet HTML 2Page - Motorola, Inc SG3525 Datasheet HTML 3Page - Motorola, Inc SG3525 Datasheet HTML 4Page - Motorola, Inc SG3525 Datasheet HTML 5Page - Motorola, Inc SG3525 Datasheet HTML 6Page - Motorola, Inc SG3525 Datasheet HTML 7Page - Motorola, Inc SG3525 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SG3525A SG3527A
4
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Continued)
Characteristics
Symbol
Min
Typ
Max
Unit
SOFT–START SECTION
Soft–Start Current (Vshutdown = 0 V)
25
50
80
µA
Soft–Start Voltage (Vshutdown = 2.0 V)
0.4
0.6
V
Shutdown Input Current (Vshutdown = 2.5 V)
0.4
1.0
mA
OUTPUT DRIVERS (Each Output, VCC = +20 V)
Output Low Level
(Isink = 20 mA)
(Isink = 100 mA)
VOL
0.2
1.0
0.4
2.0
V
Output High Level
(Isource = 20 mA)
(Isource = 100 mA)
VOH
18
17
19
18
V
Under Voltage Lockout (V8 and V9 = High)
VUL
6.0
7.0
8.0
V
Collector Leakage, VC = +35 V (Note 7)
IC(leak)
200
µA
Rise Time (CL = 1.0 nF, TJ = 25°C)
tr
100
600
ns
Fall Time (CL = 1.0 nF, TJ = 25°C)
tf
50
300
ns
Shutdown Delay (VDS = +3.0 V, CS = 0, TJ = +25°C)
tds
0.2
0.5
µs
Supply Current (VCC = +35 V)
ICC
14
20
mA
NOTE:
7. Applies to SG3525A only, due to polarity of output pulses.
Reference Regulator
Flip/
Flop
PWM
+
E/A
DUT
Vref
Clock
16
4
0.1
3
6
7
5
Deadtime
100
0.001
Comp
10k
9
0.01
1
2
1
2
3
1
2
3
3
2
1
3
+
1 = VIO
2 = 1(+)
3 = 1(–)
0.1
0.009
1.5k
1.0k
3.0k
PWM
ADJ.
Sync
RT
Ramp
50
µA
5.0k
5.0k
15
13
11
VC
Out A
0.1
0.1
1.0k, 1.0W
(2)
14
Out B
Gnd
12
8
Softstart
5.0
µF
10
2.0k
Shutdown
Vref
+
O
s
c
i
l
l
a
t
o
r
V/I Meter
VCC
A
1
2
B
Lab Test Fixture


Similar Part No. - SG3525

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SG3525 UMW-SG3525 Datasheet
762Kb / 5P
   The working voltage range is 8~35V
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A Datasheet
205Kb / 8P
   PULSE WIDTH MODULATOR CONTROL CIRCUITS
1996 REV 2
logo
STMicroelectronics
SG3525A STMICROELECTRONICS-SG3525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
SG3525A LINER-SG3525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Microsemi Corporation
SG3525A MICROSEMI-SG3525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG3525

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A Datasheet
205Kb / 8P
   PULSE WIDTH MODULATOR CONTROL CIRCUITS
1996 REV 2
SG3525A ONSEMI-SG3525A_05 Datasheet
145Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
SG3525A ONSEMI-SG3525A_09 Datasheet
146Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com