Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V68MLA1206N Datasheet(PDF) 4 Page - Littelfuse

Part # V68MLA1206N
Description  Varistor Products
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V68MLA1206N Datasheet(HTML) 4 Page - Littelfuse

  V68MLA1206N Datasheet HTML 1Page - Littelfuse V68MLA1206N Datasheet HTML 2Page - Littelfuse V68MLA1206N Datasheet HTML 3Page - Littelfuse V68MLA1206N Datasheet HTML 4Page - Littelfuse V68MLA1206N Datasheet HTML 5Page - Littelfuse V68MLA1206N Datasheet HTML 6Page - Littelfuse V68MLA1206N Datasheet HTML 7Page - Littelfuse V68MLA1206N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
40
Varistor Products
©2009 Littelfuse, Inc.
Revision: January 15, 2010
ML Varistor Series
Surface Mount Multilayer Varistors (MLVs) > ML Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html for current information.
Limit V-I Characteristic for V3.5MLA1206 to V68MLA1206
Limit V-I Characteristic for V3.5MLA0805 to V26MLA0805
1
10
100
1000
10μA
100μA
1mA
10mA
100mA
1A
10A
100A
1000A
V5.5MLA0805
V3.5MLA0805
V14MLA0805
V18MLA0805
V26MLA0805
Current (A)
Limit V-I Characteristic for V18MLA1210 to V120MLA1210
1
10
100
1000
10μA
100μA
1mA
10mA
100mA
1A
10A
100A
1000A
Current (A)
V68MLA1206
V56MLA1206
V42MLA1206
V33MLA1206
V26MLA1206
V18MLA1206
V14MLA1206
V5.5MLA1206
V3.5MLA1206
1mA
10μA
100μA
CURRENT (A)
10mA
100mA
1A
10A
100A
1000A
MAXIMUM CLAMPING VOLTAGE
MAXIMUM LEAKAGE
V60MLA1210
V85MLA1210
V120MLA1210
V48MLA1210, V48MLA1210L
V30MLA1210, V30MLA1210L
V26MLA1210
V18MLA1210
100
10
1000
1
Figure 7
Figure 8
Figure 9


Similar Part No. - V68MLA1206N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V68MLA1206N LITTELFUSE-V68MLA1206N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V68MLA1206N LITTELFUSE-V68MLA1206N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V68MLA1206N LITTELFUSE-V68MLA1206N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V68MLA1206N LITTELFUSE-V68MLA1206N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V68MLA1206N LITTELFUSE-V68MLA1206N Datasheet
875Kb / 8P
   MLA Varistor Seriesv
More results

Similar Description - V68MLA1206N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
V8RA8 LITTELFUSE-V8RA8 Datasheet
117Kb / 8P
   Varistor Products - Low Profile
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com