Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3610EWP-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3610EWP-PBF
Description  24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3610EWP-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3610EWP-PBF Datasheet HTML 7Page - Linear Technology LTC3610EWP-PBF Datasheet HTML 8Page - Linear Technology LTC3610EWP-PBF Datasheet HTML 9Page - Linear Technology LTC3610EWP-PBF Datasheet HTML 10Page - Linear Technology LTC3610EWP-PBF Datasheet HTML 11Page - Linear Technology LTC3610EWP-PBF Datasheet HTML 12Page - Linear Technology LTC3610EWP-PBF Datasheet HTML 13Page - Linear Technology LTC3610EWP-PBF Datasheet HTML 14Page - Linear Technology LTC3610EWP-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC3610

3610ff
applications inForMation
Figure1a.SwitchingFrequencyvsRON(VON=0V)
Figure1b.SwitchingFrequencyvsRON(VON=INTVCC)
Because the voltage at the ION pin is about 0.7V, the cur-
rent into this pin is not exactly inversely proportional to
VIN, especially in applications with lower input voltages.
To correct for this error, an additional resistor RON2 con-
nected from the IONpintothe5VINTVCCsupplywillfurther
stabilize the frequency.
R
V
V
R
ON
ON
2
5
0 7
=
.
Changes in the load current magnitude will also cause
frequency shift. Parasitic resistance in the MOSFET
switches and inductor reduce the effective voltage across
the inductance, resulting in increased duty cycle as the
load current increases. By lengthening the on-time slightly
as current increases, constant frequency operation can be
maintained. This is accomplished with a resistive divider
from the ITH pin to the VON pin and VOUT. The values
required will depend on the parasitic resistances in the
specific application. A good starting point is to feed about
25% of the voltage change at the ITH pin to the VON pin
as shown in Figure 2a. Place capacitance on the VON pin
to filter out the ITH variations at the switching frequency.
The resistor load on ITH reduces the DC gain of the error
amp and degrades load regulation, which can be avoided
by using the PNP emitter follower of Figure 2b.
MinimumOff-TimeandDropoutOperation
The minimum off-time, tOFF(MIN), is the smallest amount
of time that the LTC3610 is capable of turning on the bot-
tom MOSFET, tripping the current comparator and turning
the MOSFET back off. This time is generally about 250ns.
The minimum off-time limit imposes a maximum duty
cycle of tON/(tON + tOFF(MIN)). If the maximum duty cycle
is reached, due to a dropping input voltage for example,
then the output will drop out of regulation. The minimum
input voltage to avoid dropout is:
V
V
t
t
t
IN MIN
OUT
ON
OFF MIN
ON
(
)
(
)
=
+
A plot of maximum duty cycle vs frequency is shown in
Figure 3.
SettingtheOutputVoltage
The LTC3611 develops a 0.6V reference voltage between
the feedback pin, VFB, and the signal ground as shown in
Figure 6. The output voltage is set by a resistive divider
according to the following formula:
VOUT = 0.6V 1+
R2
R1
⎝⎜
⎠⎟
To improve the frequency response, a feedforward capaci-
tor C1 may also be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW trace.
RON (k)
100
100
1000
1000
10000
3610 F01a
VOUT = 3.3V
VOUT = 1.5V
VOUT = 2.5V
RON (k)
100
100
1000
1000
10000
3610 F01b
VOUT = 3.3V
VOUT = 12V
VOUT = 5V


Similar Part No. - LTC3610EWP-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3610EWP-PBF LINER-LTC3610EWP-PBF Datasheet
294Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3610EWP-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3610 LINER-LTC3610 Datasheet
294Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3610 LINER-LTC3610_15 Datasheet
398Kb / 24P
   24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
logo
Renesas Technology Corp
R2A20101BM RENESAS-R2A20101BM Datasheet
167Kb / 10P
   Monolithic Synchronous Step-Down DC/DC Converter
logo
Linear Technology
LTC3612 LINER-LTC3612_15 Datasheet
411Kb / 30P
   3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614 Datasheet
451Kb / 28P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3608 LINER-LTC3608_15 Datasheet
474Kb / 26P
   18V, 8A Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
   6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3611 LINER-LTC3611_15 Datasheet
421Kb / 26P
   10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
   32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3614 LINER-LTC3614_15 Datasheet
794Kb / 30P
   4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com