Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48MLA1206N Datasheet(PDF) 8 Page - Littelfuse

Part # V48MLA1206N
Description  Varistor Products
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V48MLA1206N Datasheet(HTML) 8 Page - Littelfuse

  V48MLA1206N Datasheet HTML 1Page - Littelfuse V48MLA1206N Datasheet HTML 2Page - Littelfuse V48MLA1206N Datasheet HTML 3Page - Littelfuse V48MLA1206N Datasheet HTML 4Page - Littelfuse V48MLA1206N Datasheet HTML 5Page - Littelfuse V48MLA1206N Datasheet HTML 6Page - Littelfuse V48MLA1206N Datasheet HTML 7Page - Littelfuse V48MLA1206N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
44
Varistor Products
©2009 Littelfuse, Inc.
Revision: January 15, 2010
ML Varistor Series
Surface Mount Multilayer Varistors (MLVs) > ML Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html for current information.
Tape and Reel Specifications
Symbol
Description
Dimensions in Millimeters
0402 Size
0603, 0805, 1206 & 1210 Sizes
A
0
Width of Cavity
Dependent on Chip Size to Minimize Rotation.
B
0
Length of Cavity
Dependent on Chip Size to Minimize Rotation.
K
0
Depth of Cavity
Dependent on Chip Size to Minimize Rotation.
W
Width of Tape
8 -/+0.2
8 -/+0.3
F
Distance Between Drive Hole Centers and Cavity Centers
3.5 -/+0.05
3.5 -/+0.05
E
Distance Between Drive Hole Centers and Tape Edge
1.75 -/+0.1
1.75 -/+0.1
P
1
Distance Between Cavity Centers
2-/+0.05
4 -/+0.1
P
2
Axial Drive Distance Between Drive Hole Centers & Cavity Centers
2 -/+0.1
2 -/+0.1
P
0
Axial Drive Distance Between Drive Hole Centers
4 -/+0.1
4 -/+0.1
D
0
Drive Hole Diameter
1.55 -/+0.05
1.55 -/+0.05
D
1
Diameter of Cavity Piercing
N/A
1.05 -/+0.05
T
1
Top Tape Thickness
0.1 Max
0.1 Max
NOTES:
• Conforms to EIA-481-1, Revision A
• Can be supplied to IEC publication 286-3
K0
t1
D0
P0
D1
P1
A0
P2
B0
F
E
W
For T and H Pack Options: PLASTIC CARRIER TAPE
For R Pack Options: EMBOSSED PAPER CARRIER TAPE
EMBOSSMENT
TOP TAPE
8mm
NOMINAL
PRODUCT
IDENTIFYING
LABEL
178mm
OR 330mm
DIA. REEL


Similar Part No. - V48MLA1206N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V48MLA1206N LITTELFUSE-V48MLA1206N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V48MLA1206N LITTELFUSE-V48MLA1206N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V48MLA1206N LITTELFUSE-V48MLA1206N Datasheet
875Kb / 8P
   MLA Varistor Seriesv
V48MLA1206N LITTELFUSE-V48MLA1206N Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V48MLA1206N LITTELFUSE-V48MLA1206N Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
More results

Similar Description - V48MLA1206N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
V8RA8 LITTELFUSE-V8RA8 Datasheet
117Kb / 8P
   Varistor Products - Low Profile
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com