Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2861IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2861IGN
Description  20Mbps RS485 Transceivers with Integrated Switchable Termination
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2861IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2861IGN Datasheet HTML 6Page - Linear Technology LTC2861IGN Datasheet HTML 7Page - Linear Technology LTC2861IGN Datasheet HTML 8Page - Linear Technology LTC2861IGN Datasheet HTML 9Page - Linear Technology LTC2861IGN Datasheet HTML 10Page - Linear Technology LTC2861IGN Datasheet HTML 11Page - Linear Technology LTC2861IGN Datasheet HTML 12Page - Linear Technology LTC2861IGN Datasheet HTML 13Page - Linear Technology LTC2861IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC2859/LTC2861
10
285961fb
Driver
The driver provides full RS485 and RS422 compatibility.
When enabled, if DI is high, Y-Z is positive for the full
duplex device (LTC2861) and A-B is positive for the half-
duplex device (LTC2859).
When the driver is disabled, both outputs are high-
impedance. For the full duplex LTC2861, the leakage on
the driver output pins is guaranteed to be less than 10μA
over the entire common mode range of –7V to +12V. On
the half-duplex LTC2859, the impedance is dominated by
the receiver input resistance, RIN.
Driver Overvoltage and Overcurrent Protection
The driver outputs are protected from short circuits to
any voltage within the Absolute Maximum range of (VCC
–15V) to +15V. The maximum current in this condition is
250mA. If the pin voltage exceeds about ±10V, current limit
folds back to about half of the peak value to reduce overall
power dissipation and avoid damaging the part.
The LTC2859/LTC2861 also feature thermal shutdown
protection that disables the driver, terminator, and receiver
in case of excessive power dissipation.
SLO Mode: Slew Limiting for EMI Emissions Control
The LTC2859/LTC2861 feature a logic-selectable reduced-
slew mode (SLO mode) that softens the driver output
edges to control the high frequency EMI emissions from
equipment and data cables. The reduced slew rate mode
is entered by taking the SLO pin low, where the data rate is
limited to about 250kbps. Slew limiting also mitigates the
adverse effects of imperfect transmission line termination
caused by stubs or mismatched cables.
Figures 8a and 8b show the LTC2861 driver outputs in
normal and SLO mode with their corresponding frequency
spectrums operating at 250kbps. SLO mode significantly
reduces the high frequency harmonics.
Figure 8a. Driver Output in Normal Mode
Driver Output at 125kHz into 100Ω Resistor
Frequency Spectrum of the Same Signal
Figure 8b. Driver Output in SLO Mode
Driver Output at 125kHz into 100Ω Resistor
Frequency Spectrum of the Same Signal
APPLICATIONS INFORMATION
285961 F08a
Y, Z
Y–Z
2μs/DIV
1V/DIV
Y–Z
1.25MHz/DIV
10dB/DIV
285961 F08b
Y, Z
Y–Z
2μs/DIV
1V/DIV
Y–Z
1.25MHz/DIV
10dB/DIV


Similar Part No. - LTC2861IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2861IGN LINER-LTC2861IGN Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861IGN-PBF LINER-LTC2861IGN-PBF Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861IGN-TR LINER-LTC2861IGN-TR Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2861IGN-TRPBF LINER-LTC2861IGN-TRPBF Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
More results

Similar Description - LTC2861IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
234Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com