Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1289BCN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1289BCN
Description  3 Volt Single Chip 12-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289BCN Datasheet(HTML) 3 Page - Linear Technology

  LTC1289BCN Datasheet HTML 1Page - Linear Technology LTC1289BCN Datasheet HTML 2Page - Linear Technology LTC1289BCN Datasheet HTML 3Page - Linear Technology LTC1289BCN Datasheet HTML 4Page - Linear Technology LTC1289BCN Datasheet HTML 5Page - Linear Technology LTC1289BCN Datasheet HTML 6Page - Linear Technology LTC1289BCN Datasheet HTML 7Page - Linear Technology LTC1289BCN Datasheet HTML 8Page - Linear Technology LTC1289BCN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC1289
1289fb
LTC1289B
LTC1289C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCLK
Shift Clock Frequency
(Note 6)
0
1.0
MHz
fACLK
A/D Clock Frequency
(Note 6)
(Note 10)
2.0
MHz
tACC
Delay time from CS
↓ to DOUT Data Valid
(Note 9)
2
ACLK
Cycles
tSMPL
Analog Input Sample Time
See Operating Sequence
7
SCLK
Cycles
tCONV
Conversion Time
See Operating Sequence
52
ACLK
Cycles
tCYC
Total Cycle Time
See Operating Sequence (Note 6)
12 SCLK +
Cycles
56 ACLK
tdDO
Delay Time, SCLK
↓ to DOUT Data Valid
See Test Circuits
200
350
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
70
150
ns
ten
Delay Time, 2nd ACLK
↓ to DOUT Enabled
See Test Circuits
130
250
ns
thCS
Hold Time, CS After Last SCLK
(Note 6)
0
ns
thDI
Hold Time, DIN After SCLK
(Note 6)
50
ns
thDO
Time Output Data Remains Valid After SCLK
50
ns
tf
DOUT Fall Time
See Test Circuits
40
100
ns
tr
DOUT Rise Time
See Test Circuits
40
100
ns
tsuDI
Setup Time, DIN Stable Before SCLK
(Note 6 and 9)
50
ns
tsuCS
Setup Time, CS
↓ Before Clocking in
(Note 6 and 9)
2 ACLK Cycles
First Address Bit
+ 180ns
tWHCS
CS High Time During Conversion
(Note 6)
52
ACLK
Cycles
CIN
Input Capacitance
Analog Inputs On Channel
100
pF
Analog Inputs Off Channel
5
pF
Digital Inputs
5
pF
The
denotes the specifications
which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
LTC1289B
LTC1289C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Minimum Resolution for
12
12
BITS
Which No Missing Codes are
Guaranteed
Analog and REF Input Range
(Note 7)
(V) – 0.05V to VCC + 0.05V
(V) – 0.05V to VCC + 0.05V
V
On Channel Leakage Current
On Channel = 3V
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
±1
±1
µA
Off Channel = 3V
Off Channel Leakage Current
On Channel = 3V
±1
±1
µA
(Note 8)
Off Channel = 0V
On Channel = 0V
±1
±1
µA
Off Channel = 3V
AC CHARACTERISTICS The denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 3)


Similar Part No. - LTC1289BCN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1289BCN LINER-LTC1289BCN Datasheet
487Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289BCN LINER-LTC1289BCN Datasheet
674Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1289BCN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1289 LINER-LTC1289 Datasheet
487Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289CCSW LINER-LTC1289CCSW Datasheet
674Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
LTC1289 LINER-LTC1289_15 Datasheet
674Kb / 28P
   3 Volt Single Chip 12-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com