Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1790AIS6-5-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1790AIS6-5-PBF
Description  Micropower SOT-23 Low Dropout Reference Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1790AIS6-5-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1790AIS6-5-PBF Datasheet HTML 5Page - Linear Technology LT1790AIS6-5-PBF Datasheet HTML 6Page - Linear Technology LT1790AIS6-5-PBF Datasheet HTML 7Page - Linear Technology LT1790AIS6-5-PBF Datasheet HTML 8Page - Linear Technology LT1790AIS6-5-PBF Datasheet HTML 9Page - Linear Technology LT1790AIS6-5-PBF Datasheet HTML 10Page - Linear Technology LT1790AIS6-5-PBF Datasheet HTML 11Page - Linear Technology LT1790AIS6-5-PBF Datasheet HTML 12Page - Linear Technology LT1790AIS6-5-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT1790
9
1790fb
4.096V ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the
specified temperature range, otherwise specifications are at TA = 25°C. CL = 1μF and VIN = 4.6V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage (Notes 3, 4)
LT1790A
4.094
–0.05
4.096
4.098
0.05
V
%
LT1790B
4.092
–0.10
4.096
4.10
0.10
V
%
LT1790AC
l
l
4.09108
–0.120
4.096
4.10092
0.120
V
%
LT1790AI
l
l
4.08883
–0.175
4.096
4.10317
0.175
V
%
LT1790BC
l
l
4.08474
–0.275
4.096
4.10726
0.275
V
%
LT1790BI
l
l
4.07910
–0.4125
4.096
4.11290
0.4125
V
%
Output Voltage Temperature Coefficient (Note 5)
TMIN ≤ TA ≤ TMAX
LT1790A
LT1790B
l
l
5
12
10
25
ppm/°C
ppm/°C
Line Regulation
4.6V ≤ VIN ≤ 18V
l
50
170
220
ppm/V
ppm/V
Load Regulation (Note 6)
IOUT Source = 5mA
l
80
160
250
ppm/mA
ppm/mA
IOUT Sink = 3mA
l
70
110
300
ppm/mA
ppm/mA
Dropout Voltage (Note 7)
VIN – VOUT, ΔVOUT = 0.1%
IOUT = 0mA
IOUT Source = 5mA
IOUT Sink = 3mA
l
l
l
50
100
120
450
250
mV
mV
mV
mV
Supply Current
No Load
l
35
60
80
μA
μA
Minimum Operating Current—
Negative Output (See Figure 7)
VOUT = – 4.096V, 0.1%
100
125
μA
Turn-On Time
CLOAD = 1μF
700
μs
Output Noise (Note 8)
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
60
89
μVP-P
μVRMS
Long-Term Drift of Output Voltage (Note 9)
50
ppm/√kHr
Hysteresis (Note 10)
ΔT = 0°C to 70°C
ΔT = –40°C to 85°C
l
l
25
40
ppm
ppm


Similar Part No. - LT1790AIS6-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790AIS6-5 LINER-LT1790AIS6-5 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
More results

Similar Description - LT1790AIS6-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Texas Instruments
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
[Old version datasheet]   SOT-23 Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
   SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
[Old version datasheet]   LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
[Old version datasheet]   SOT-23 Precision Micropower Series Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com