Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRJB105K010SRJ Datasheet(PDF) 2 Page - AVX Corporation

Part # TRJB105K010SRJ
Description  Professional Tantalum Chip Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRJB105K010SRJ Datasheet(HTML) 2 Page - AVX Corporation

  TRJB105K010SRJ Datasheet HTML 1Page - AVX Corporation TRJB105K010SRJ Datasheet HTML 2Page - AVX Corporation TRJB105K010SRJ Datasheet HTML 3Page - AVX Corporation TRJB105K010SRJ Datasheet HTML 4Page - AVX Corporation TRJB105K010SRJ Datasheet HTML 5Page - AVX Corporation TRJB105K010SRJ Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
45
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.10
104
A
0.15
154
A, A(6000)
0.22
224
A, A(6000)
A, A(7000)
0.33
334
A, A(6000)
A
0.47
474
A, A(7000)
A, A(4000)
B
0.68
684
A, A(6000)
A, A(6000)
B, B(2000)
1.0
105
A, A(3000)
A, A(3000)
A, B,
C, B, B(2000)
A(3000), B(2000)
1.5
155
A, A(3000)
A, A(3000)
A, B
C, C(1500)
A(2000), B(2500)
2.2
225
A, A(3500)
A, A(3000)
A, B,
B, B(2000)
C, C(1000)
A(1600), B(1200)
3.3
335
A, A(3500)
A, B,
B, B(2000)
B, C,
C, D,
A(2500), B(1300
B(1000), C(800)) C(1000), D(800)
4.7
475
A, A(2000)
A, B,
A, B,
B, B(1000)
B, C,
D, D(600)
A(2000), B(1500) A(1800), B(1000)
B(1500), C(600)
6.8
685
A, A(1800)
A, B,
B, B(1000)
B, C,
C, C(600)
D, D(700)
A(1500), B(1200)
B(1000), C(600)
10
106
A, A(1500)
A, B,
B, B(800)
B, C,
C, C(600)
C, D,
E, E(400)
A(1800), B(800)
B(1000), C(500)
C(600), D(400)
15
156
A, B,
A, B,
B, B(800)
B, C,
C, D,
D, D(350)
A(1500), B(700)
A(1000), B(600)
B(500), C(400)
C(500), D(300)
22
226
A, B,
B, B(700)
B, C,
C, D,
D, D(300)
D, D(400)
A(900), B(600)
B(600), C(350)
C(400), D(300
33
336
B, B(600)
B, C,
C, C(300)
C, D,
D, D(400)
E, E(250)
B(650), C(300)
C(300), D(250)
47
476
B, C,
C, C(300)
C, D,
D, D(200)
E, E(150)
B(500), C(250)
C(350), D(200)
68
686
C, C(200)
C, C(300)
D, D(150)
D, E,
D(200), E(200)
100
107
C, C(300)
C, D,
D, E,
E, E(150)
C(200), D(150)
D(150), E(150)
150
157
C, D,
D, E,
E, E(150)
C(300), D(150)
D(150), E(150)
220
227
D, D(150)
D, E, E(150)
330
337
E, E(150)
E, E(100)
470
477
E, E(200)
TRJ Series
Professional Tantalum Chip Capacitor
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
LETTER DENOTES CASE SIZE
ESR limits quoted in brackets (milliohms)
Note: The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same reliability standards.


Similar Part No. - TRJB105K010SRJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJB105K010SRJ AVX-TRJB105K010SRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
More results

Similar Description - TRJB105K010SRJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB106K016RRJ AVX-TRJB106K016RRJ Datasheet
132Kb / 6P
   Professional Tantalum Chip Capacitor
TRJC106M025RRJ AVX-TRJC106M025RRJ Datasheet
130Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com