Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UQQ-3.325-Q12P-C Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # UQQ-3.325-Q12P-C
Description  Wide Input Range Single Output DC-DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UQQ-3.325-Q12P-C Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  UQQ-3.325-Q12P-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UQQ-3.325-Q12P-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UQQ-3.325-Q12P-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UQQ-3.325-Q12P-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UQQ-3.325-Q12P-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UQQ-3.325-Q12P-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UQQ-3.325-Q12P-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UQQ-3.325-Q12P-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UQQ-3.325-Q12P-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.murata-ps.com/support
UQQ Series
Wide Input Range Single Output DC-DC Converters
MDC_UQQ.D03 Page 5 of 18
UQQ-3.3/25-Q12 UQQ-3.3/25-Q48 UQQ-5/17-Q12
UQQ-5/20-Q48
UQQ-12/8-Q12
UQQ-12/8-Q48
UQQ-15/7-Q12
UQQ-24/4-Q12
DYNAMIC CHARACTERISTICS
Dynamic Load Response
(50-75-50% load step)
50μsec to ±1%
of final value
100μsec to ±1%
of final value
50μsec to ±1%
of final value
95μsec to ±1%
of final value
50μsec to ±1%
of final value
50μsec to ±2%
of final value
Start-up Time
VIN to VOUT regulated
10msec
10msec max
10msec
25msec
10msec
20msec
10msec
10msec
Remote On/Off
to VOUT regulated
5msec
5msec max
5msec
Switching frequency
255 ±25kHz
255 ±25kHz
260 ±25kHz
225-265kHz
260 ±25kHz
245 ±20kHz
260 ±25kHz
260 ±25kHz
ENVIRONMENTAL
Calculated MTBF (4)
TBC
3,360,928
TBC
Operating Temperature Range
See Derating curves
–40 to +85ºC
with Derating
–40 to +57ºC
with Derating
–40 to +85ºC
with Derating
Operating Temperature Range
with baseplate
(no Derating required) (3)(14)
–40 to +105ºC
–40 to +100ºC
–40 to +105°C
–40 to +105ºC
–40 to +105°C
–40 to +100°C
–40 to +105°C
–40 to +105°C
Storage Temperature Range
–55 to +125ºC
Thermal Protection/Shutdown
+120ºC, measured at thermistor T1
Relative humidity
To +85°C/85% non-condensing
PHYSICAL
Outline dimensions
See mechanical specifications
Baseplate material
Aluminum
Pin material
Copper alloy
Pin diameter
0.04/0.062 inches, 1.016/1.524 mm
Weight
1 ounce (28 grams)
Electromagnetic interference
(conducted, external filter
required)
Designed to meet class B, EN55022, CISPR22
Safety
Certified to UL/cUL 60950-1, CSA-C22.2 No.60950-1, IEC/EN 60950-1, 2nd Edition
Flammability
UL 94V-0
Specification Notes:
(1) All models are tested and specified with 300 lfm airflow, external 1 and 10μF paralleled ceramic/
tantalum output capacitors and a 100μF external input capacitor. All capacitors are low ESR
types. These capacitors are necessary to accommodate our test equipment and may not be
required in your applications. All models are stable and regulate within spec under no-load
conditions.
General conditions for Specifications are +25°C, VIN = nominal, VOUT = nominal, full load unless
noted.
(2) Input Ripple Current is tested and specified over a 5Hz to 20MHz bandwidth. Input filtering is
CIN = 33μF tantalum, CBUS = 220μF electrolytic, LBUS = 12μH.
(3) Note that Maximum Power Derating curves indicate an average current at nominal input voltage.
At higher temperatures and/or lower airflow, the DC-DC converter will tolerate brief full current
outputs if the total RMS current over time does not exceed the Derating curve. All Derating
curves are presented at sea level altitude. Be aware of reduced power dissipation with increas-
ing altitude.
(4) Mean Time Before Failure is calculated using the Telcordia (Belcore) SR-332 Method 1, Case 3,
ground fixed conditions, TPCBOARD = +25°C, full output load, natural air convection.
(5) The On/Off Control may be driven with external logic or by applying appropriate external voltages
which are referenced to Input Common. The On/Off Control Input should use either an open
collector/open drain transistor or logic gate.
(6) Short circuit shutdown begins when the output voltage degrades approximately 2% from the
selected setting.
(7) The outputs are not intended to sink appreciable reverse current.
(8) Output noise may be further reduced by adding an external filter. See I/O Filtering and Noise
Reduction.
(9) All models are fully operational and meet published specifications, including “cold start” at –40°C.
On-board component package temperatures must not exceed +128°C.
(10) Regulation specifications describe the deviation as the line input voltage or output load current is
varied from a nominal midpoint value to either extreme.
(11) Alternate pin length and/or other output voltages are available under special quantity order.
(12) Overvoltage shutdown on 48V input models can be eliminated under special quantity order. OV
shutdown can be deleted in order to comply with certain telecom reliability requirements. These
requirements attempt continued operation despite significant input overvoltage.
(13) Do not exceed maximum power specifications when adjusting the output trim.
(14) Note that the converter may operate up to +105°C with the baseplate installed (+100°C for the
UQQ-3.3/25-Q48). However, thermal self-protection occurs near +120°C Therefore, +105°C is
recommended to avoid thermal shutdown.
(15) If reverse polarity is accidentally applied to the input, to ensure reverse input protection, always
connect an external input fuse in series with the +VIN input. Use approximately twice the full
input current rating with nominal input voltage.
(16) For On/Off Control on negative-polarity UQQ-3.3/25-Q48N models, the maximum OFF mode
control voltage is +13.5 Volts. For the ON mode, the range is pin grounded to +1 Volt max.
(17) Always connect the sense pins. If they are not connected to a remote load, connect each sense
pin to its respective output at the converter pins.
(18) Shown at Vin = 10V; after module starts up it operates from 9-36Vdc.
FUNCTIONAL SPECIFICATIONS (CONTINUED)


Similar Part No. - UQQ-3.325-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UQQ-3.3/25-Q12P-C MURATA-UQQ-3.3/25-Q12P-C Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Murata Power Solutions ...
UQQ-3.3/25-Q12X-C MURATA-PS-UQQ-3.3/25-Q12X-C Datasheet
1Mb / 19P
   Wide Input Range Single Output DC-DC Converters
2023
logo
Murata Manufacturing Co...
UQQ-3.3/25-Q48N-C MURATA-UQQ-3.3/25-Q48N-C Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Murata Power Solutions ...
UQQ-3.3/25-Q48X-C MURATA-PS-UQQ-3.3/25-Q48X-C Datasheet
1Mb / 19P
   Wide Input Range Single Output DC-DC Converters
2023
More results

Similar Description - UQQ-3.325-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com