Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3307-18DGNR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3307-18DGNR
Description  TRIPLE PROCESSOR SUPERVISORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3307-18DGNR Datasheet(HTML) 5 Page - Texas Instruments

  TPS3307-18DGNR Datasheet HTML 1Page - Texas Instruments TPS3307-18DGNR Datasheet HTML 2Page - Texas Instruments TPS3307-18DGNR Datasheet HTML 3Page - Texas Instruments TPS3307-18DGNR Datasheet HTML 4Page - Texas Instruments TPS3307-18DGNR Datasheet HTML 5Page - Texas Instruments TPS3307-18DGNR Datasheet HTML 6Page - Texas Instruments TPS3307-18DGNR Datasheet HTML 7Page - Texas Instruments TPS3307-18DGNR Datasheet HTML 8Page - Texas Instruments TPS3307-18DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Dissipation Rating Table
Recommended Operating Conditions
TPS3307-18, TPS3307-25, TPS3307-33
SLVS199C – DECEMBER 1998 – REVISED DECEMBER 2006
Over operating free-air temperature range (unless otherwise noted).
UNIT
Supply voltage, VDD(2)
7V
MR pin
–0.3V to VDD +0.3V
All other pins(2)
–0.3V to 7V
Maximum low output current, IOL
5mA
Maximum high output current, IOH
–5mA
Input clamp current, IIK (VI < 0 or VI > VDD)
±20mA
Output clamp current, IOK (VO < 0 or VO > VDD)
±20mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
–40
°C to +85°C
Storage temperature range, Tstg
–65
°C to +150°C
Soldering temperature
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation the device must not be operated at 7V for more than t = 1000h
continuously.
TA ≤ +25°C
DERATING FACTOR
TA = +70°C
TA = +85°C
PACKAGE
POWER RATING
ABOVE TA = +25°C
POWER RATING
POWER RATING
DGN
2.14W
17.1mW/
°C
1.37W
1.11W
D
725mW
5.8mW/
°C
464mW
377mW
At specified temperature range.
MIN
MAX
UNIT
Supply voltage, VDD
2
6
V
Input voltage at MR and SENSE3, VI
0
VDD + 0.3
V
Input voltage at SENSE1 and SENSE2, VI
0
(VDD+0.3)VIT/1.25V
V
High-level input voltage at MR, VIH
0.7 x VDD
V
Low-level input voltage at MR, VIL
0.3 × VDD
V
Input transition rise and fall rate at MR,
∆t/∆V
50
ns/V
Operating free-air temperature range, TA
–40
+85
°C
5
Submit Documentation Feedback


Similar Part No. - TPS3307-18DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307-18DGNR TI-TPS3307-18DGNR Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18DGNR TI1-TPS3307-18DGNR Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18DGNRG4 TI1-TPS3307-18DGNRG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results

Similar Description - TPS3307-18DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com