Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1767EMS8-1.8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1767EMS8-1.8
Description  Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1767EMS8-1.8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1767EMS8-1.8 Datasheet HTML 4Page - Linear Technology LT1767EMS8-1.8 Datasheet HTML 5Page - Linear Technology LT1767EMS8-1.8 Datasheet HTML 6Page - Linear Technology LT1767EMS8-1.8 Datasheet HTML 7Page - Linear Technology LT1767EMS8-1.8 Datasheet HTML 8Page - Linear Technology LT1767EMS8-1.8 Datasheet HTML 9Page - Linear Technology LT1767EMS8-1.8 Datasheet HTML 10Page - Linear Technology LT1767EMS8-1.8 Datasheet HTML 11Page - Linear Technology LT1767EMS8-1.8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1767/LT1767-1.8/
LT1767-2.5/LT1767-3.3/LT1767-5
sn1767 1767fas
APPLICATIONS INFORMATION
Figure 3. Output Ripple Voltage Waveform
and reduces the current at which discontinuous operation
occurs. The following formula gives maximum output
current for continuous mode operation, implying that the
peak to peak ripple (2x the term on the right) is less than
the maximum switch current.
Continuous Mode
IOUT MAX
() =
IP ()
()
()( )( )
VV
V
Lf V
OUT
IN
OUT
IN
2
Discontinuous operation occurs when
I
V
Lf
OUT DIS
OUT
()
()
()( )
=
2
For VIN = 8V, VOUT = 5V and L = 3.3µH,
I
A
OUT MAX
()
=−
()
()
()(
)()
=−
=
15
58 5
2 3 3 10
1 25 10
8
15
0 23
1 27
66
.
.•
.
..
.
Note that the worst case (minimum output current avail-
able) condition is at the maximum input voltage. For the
same circuit at 15V, maximum output current would be
only 1.1A.
When choosing an inductor, consider maximum load
current, core and copper losses, allowable component
height, output voltage ripple, EMI, fault current in the
inductor, saturation, and of course, cost. The following
procedure is suggested as a way of handling these some-
what complicated and conflicting requirements.
1. Choose a value in microhenries from the graphs of
maximum load current. Choosing a small inductor with
lighter loads may result in discontinuous mode of
operation, but the LT1767 is designed to work well in
either mode.
Assume that the average inductor current is equal to
load current and decide whether or not the inductor
must withstand continuous fault conditions. If maxi-
mum load current is 0.5A, for instance, a 0.5A inductor
may not survive a continuous 2A overload condition.
Also, the instantaneous application of input or release
from shutdown, at high input voltages, may cause
INDUCTOR CHOICE AND MAXIMUM OUTPUT
CURRENT
Maximum output current for a buck converter is equal to
the maximum switch rating (IP) minus one half peak to
peak inductor current. In past designs, the maximum
switch current has been reduced by the introduction of
slope compensation. Slope compensation is required at
duty cycles above 50% to prevent an affect called
subharmonic oscillation (see Application Note 19 for
details). The LT1767 has a new circuit technique that
maintains a constant switch current rating at all duty
cycles. (Patent Pending)
For most applications, the output inductor will be in the
1
µH to 10µH range. Lower values are chosen to reduce the
physical size of the inductor, higher values allow higher
output currents due to reduced peak to peak ripple current,
Table 2. Surface Mount Solid Tantalum Capacitor ESR
and Ripple Current
E Case Size
ESR (Max,
)
Ripple Current (A)
AVX TPS, Sprague 593D
0.1 to 0.3
0.7 to 1.1
AVX TAJ
0.7 to 0.9
0.4
D Case Size
AVX TPS, Sprague 593D
0.1 to 0.3
0.7 to 1.1
C Case Size
AVX TPS
0.2 (typ)
0.5 (typ)
Figure 3 shows a comparison of output ripple for a ceramic
and tantalum capacitor at 200mA ripple current.
VOUT USING 47µF, 0.1Ω
TANTALUM CAPACITOR
(10mV/DIV)
0.2
µs/DIV
1767 F03
VOUT USING 2.2µF
CERAMIC CAPACITOR
(10mV/DIV)
VSW
(5V/DIV)


Similar Part No. - LT1767EMS8-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767EMS8-1.8 LINER-LT1767EMS8-1.8 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results

Similar Description - LT1767EMS8-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com