Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T530X687M004AE006 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T530X687M004AE006
Description  POLYMER TANTALUM CHIP CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T530X687M004AE006 Datasheet(HTML) 1 Page - Kemet Corporation

  T530X687M004AE006 Datasheet HTML 1Page - Kemet Corporation T530X687M004AE006 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
51
Case Size
KEMET
EIA
L
W
H
K ±0.20
F ±0.1
S ±0.3
X(Ref)
T(Ref)
A(Min) G(ref) E(ref)
D
7343-31
7.3 ± 0.3 4.3 ± 0.3
2.8 ± 0.3
1.5
2.4
1.3
0.10 ± 0.10
0.13
3.8
3.5
3.5
Y
7343-40
7.3 ± 0.3 4.3 ± 0.3
4.0 max
1.9
2.4
1.3
0.10 ± 0.10
0.13
3.8
3.5
3.5
X
7343-43
7.3 ± 0.3 4.3 ± 0.3
4.0 ± 0.3
2.3
2.4
1.3
0.10 ± 0.10
0.13
3.8
3.5
3.5
OUTLINE DRAWINGS
FEATURES
Highest CV in Standard EIA Size
Extremely Low ESR
125 C Max, Temperature Capability
Polymer Cathode Technology
High Frequency Capacitance Retention
Non-Ignition Failure Mode
Capacitance: 220 to 1500
F
Voltage: 2.5V to 10V
Molded Case (pick-and-place precision)
100% Accelerated Steady State Aging
100% Surge Current Testing
Utilizes Multiple Tantalum Anode Technology
Volumetric Efficiency
Use Up to 90% of Rated Voltage (10% Derating)
Self-Healing Mechanism
True SMT Capability
DIMENSIONS - MILLIMETERS (INCHES)
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
B
B
H
H
BOTTOM VIEW
E
F
A
L
T530 RATINGS & PART NUMBER REFERENCE
POLYMER TANTALUM CHIP CAPACITORS
T530 SERIES - Multiple Anode
(1) To complete the KEMET part number, insert the lead material designator as shown on page 52.
w/
∆T= 20°C
@ -55°C to
105°C
w/
∆T= 2°C
@ 125°C
470.0
D/7343-31
T530D477M2R5A(1)E006
118µA
8.0
6.0
6.5
2.1
470.0
D/7343-31
T530D477M2R5A(1)E010
118µA
10.0
10.0
5.0
1.6
560.0
D/7343-31
T530D567M2R5A(1)E005
140µA
8.0
5.0
7.1
2.3
680.0
Y/7343-40
T530Y687M2R5A(1)E006
170µA
8.0
6.0
6.6
2.1
680.0
D/7343-31
T530D687M2R5A(1)E006
170µA
8.0
6.0
6.5
2.1
680.0
D/7343-31
T530D687M2R5A(1)E010
170µA
8.0
10.0
5.0
1.6
X/7343-43
T530X108M2R5A(1)E006
250µA
8.0
6.0
6.7
2.1
1000.0
X/7343-43
T530X158M2R5A(1)E005
375µA
8.0
5.0
7.3
2.3
470.0
D/7343-31
T530D477M003A(1)E010
141µA
8.0
10.0
5.0
1.6
680.0
D/7343-31
T530D687M003A(1)E010
204µA
8.0
10.0
5.0
1.6
1000.0
X/7343-43
T530X108M003A(1)E010
300µA
8.0
10.0
5.2
1.6
1500.0
X/7343-43
T530X158M003A(1)E008
450µA
8.0
8.0
5.8
1.8
330.0
D/7343-31
T530D337M004A(1)E006
132µA
8.0
6.0
6.5
2.1
470.0
D/7343-31
T530D477M004A(1)E010
188µA
8.0
10.0
5.0
1.6
680.0
X/7343-43
T530X687M004A(1)E006
272µA
8.0
6.0
6.7
2.1
680.0
X/7343-43
T530X687M004A(1)E010
272µA
8.0
10.0
5.2
1.6
1000.0
X/7343-43
T530X108M004A(1)E006
400µA
8.0
6.0
6.7
2.1
220.0
D/7343-31
T530D227M006A(1)E006
139µA
8.0
6.0
6.5
2.1
330.0
Y/7343-40
T530Y337M006A(1)E006
208µA
8.0
6.0
6.6
2.1
330.0
Y/7343-40
T530Y337M006A(1)E010
208µA
8.0
10.0
5.1
1.6
330.0
D/7343-31
T530D337M006A(1)E010
208µA
8.0
10.0
5.0
1.6
470.0
X/7343-43
T530X477M006A(1)E006
296µA
8.0
6.0
6.7
2.1
470.0
X/7343-43
T530X477M006A(1)E010
296µA
8.0
10.0
5.2
1.6
150.0
D/7343/31
T530D157M010A(1)E006
150µA
8.0
6.0
6.5
2.1
220.0
D/7343/31
T530D227M010A(1)E010
220µA
8.0
10.0
5.0
1.6
330.0
X/7343-43
T530X337M010A(1)E006
330µA
8.0
6.0
6.7
2.1
330.0
X/7343-43
T530X337M010A(1)E010
330µA
8.0
10.0
5.2
1.6
10 Volt Rating at 105°C (6.6 Volt Rating at 125°C)
Ripple Current
(Arms) @ 100 kHz
2.5 Volt Rating at 105°C (1.7 Volt Rating at 125°C)
3 Volt Rating at 105°C (2 Volt Rating at 125°C)
4 Volt Rating at 105°C (2.7 Volt Rating at 125°C)
Capaci-
tance µF
Case Size
KEMET Part Number
DCL
VR
DF %
120Hz
ESR m
@100 kHz
25°C Max
6.3 Volt Rating at 105°C (4.2 Volt Rating at 125°C)


Similar Part No. - T530X687M004AE006

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T530X687M004A KEMET-T530X687M004A Datasheet
1Mb / 17P
   KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
T530X687M004AH4095 KEMET-T530X687M004AH4095 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
T530X687M004AH4096 KEMET-T530X687M004AH4096 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
T530X687M004AH4097 KEMET-T530X687M004AH4097 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
T530X687M004ATE004 KEMET-T530X687M004ATE004 Datasheet
80Kb / 1P
   T530, Tantalum, Polymer Tantalum, Multi-Anode, 680 uF, 20%, 4 V, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 4 mOhms, 7343, Height Max = 4.3mm
More results

Similar Description - T530X687M004AE006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCME108M004R0010 AVX-TCME108M004R0010 Datasheet
147Kb / 2P
   Tantalum Solid Electrolytic Chip Capacitors Conductive Polymer Multianode
logo
Panasonic Semiconductor
6TVE150M PANASONIC-6TVE150M Datasheet
430Kb / 5P
   Conductive Polymer Tantalum Solid Capacitors
073020 PANASONIC-073020 Datasheet
501Kb / 5P
   Conductive Polymer Tantalum Solid Capacitors
30-Jul-20
2TPE330MFB PANASONIC-2TPE330MFB_V01 Datasheet
295Kb / 2P
   Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
6TPE100MPB PANASONIC-6TPE100MPB Datasheet
295Kb / 2P
   Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
ETPH100MHA PANASONIC-ETPH100MHA Datasheet
387Kb / 5P
   Conductive Polymer Tantalum Solid Capacitors
2R5TAE220M9 PANASONIC-2R5TAE220M9 Datasheet
490Kb / 6P
   Conductive Polymer Tantalum Solid Capacitors
6TPE330MA9EL PANASONIC-6TPE330MA9EL Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
TLE PANASONIC-TLE Datasheet
805Kb / 5P
   Conductive Polymer Tantalum Solid Capacitors
09-Jul-21
ETCE680MCL PANASONIC-ETCE680MCL Datasheet
57Kb / 2P
   Conductive Polymer Tantalum Solid Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com