Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-QWBJ-NGJEE Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-QWBJ-NGJEE
Description  0.5W Cool White Power PLCC4 Surface Mount LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QWBJ-NGJEE Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-QWBJ-NGJEE Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBJ-NGJEE Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBJ-NGJEE Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBJ-NGJEE Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBJ-NGJEE Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBJ-NGJEE Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBJ-NGJEE Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBJ-NGJEE Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBJ-NGJEE Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
4C
x
0.3463
0.3551
0.3533
0.3451
y
0.3687
0.3760
0.3620
0.3554
4D
x
0.3451
0.3533
0.3515
0.3440
y
0.3554
0.3620
0.3487
0.3427
5A
x
0.3530
0.3615
0.3590
0.3512
y
0.3597
0.3659
0.3521
0.3465
5B
x
0.3548
0.3641
0.3615
0.3530
y
0.3736
0.3804
0.3659
0.3597
5C
x
0.3641
0.3736
0.3702
0.3615
y
0.3804
0.3874
0.3722
0.3659
5D
x
0.3615
0.3702
0.3670
0.3590
y
0.3659
0.3722
0.3578
0.3521
6A
x
0.3670
0.3702
0.3825
0.3783
y
0.3578
0.3722
0.3798
0.3646
6B
x
0.3702
0.3736
0.3869
0.3825
y
0.3722
0.3874
0.3958
0.3798
6C
x
0.3825
0.3869
0.4006
0.3950
y
0.3798
0.3958
0.4044
0.3875
6D
x
0.3783
0.3825
0.3950
0.3898
y
0.3646
0.3798
0.3875
0.3716
7A
x
0.3889
0.3941
0.4080
0.4017
y
0.3690
0.3848
0.3916
0.3751
7B
x
0.3941
0.3996
0.4146
0.4080
y
0.3848
0.4015
0.4089
0.3916
7C
x
0.4080
0.4146
0.4299
0.4221
y
0.3916
0.4089
0.4165
0.3984
7D
x
0.4017
0.4080
0.4221
0.4147
y
0.3751
0.3916
0.3984
0.3814
8A
x
0.4147
0.4221
0.4342
0.4259
y
0.3814
0.3984
0.4028
0.3853
8B
x
0.4221
0.4299
0.4430
0.4342
y
0.3984
0.4165
0.4212
0.4028
8C
x
0.4342
0.4430
0.4562
0.4465
y
0.4028
0.4212
0.4260
0.4071
8D
x
0.4259
0.4342
0.4465
0.4373
y
0.3853
0.4028
0.4071
0.3893
9A
x
0.4373
0.4465
0.4582
0.4483
y
0.3893
0.4071
0.4099
0.3919
9B
x
0.4465
0.4562
0.4687
0.4582
y
0.4071
0.4260
0.4289
0.4099
9C
x
0.4582
0.4687
0.4813
0.4700
y
0.4099
0.4289
0.4319
0.4126
9D
x
0.4483
0.4582
0.4700
0.4593
y
0.3919
0.4099
0.4126
0.3944
Tolerance ±0.01


Similar Part No. - ASMT-QWBJ-NGJEE

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QWB2-NEF0E AVAGO-ASMT-QWB2-NEF0E Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
ASMT-QWBF-NKL0E AVAGO-ASMT-QWBF-NKL0E Datasheet
131Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
More results

Similar Description - ASMT-QWBJ-NGJEE

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSAWBCR4 OPTEK-OVSAWBCR4 Datasheet
509Kb / 6P
   White PLCC4 Surface Mount LED
logo
TT Electronics.
OVSAWBCR4 TTELEC-OVSAWBCR4 Datasheet
390Kb / 6P
   White PLCC4 Surface Mount LED
logo
OPTEK Technologies
OVSAWBCR9 OPTEK-OVSAWBCR9 Datasheet
1Mb / 5P
   White PLCC4 Surface Mount LED
logo
TT Electronics.
OVSAWBCR9 TTELEC-OVSAWBCR9 Datasheet
850Kb / 5P
   White PLCC4 Surface Mount LED
logo
Bivar, Inc.
SM5730UWDX05 BIVAR-SM5730UWDX05 Datasheet
714Kb / 5P
   SURFACE MOUNT LED WHITE, 5730 PACKAGE, 0.5W
Revision A
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
logo
Elite Enterprises (H.K....
PP6N-FLXX-3SC ELITE-PP6N-FLXX-3SC Datasheet
844Kb / 19P
   0.5W White/ Warm White Power LED
logo
LUMEX INC.
SML-LX4747UWC-TR10 LUMEX-SML-LX4747UWC-TR10 Datasheet
356Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, COOL WHITE
SML-LX4747UWCATR10 LUMEX-SML-LX4747UWCATR10 Datasheet
379Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, COOL WHITE
logo
P-tec Corporation
PL00555W-WCCWZ P-TEC-PL00555W-WCCWZ Datasheet
1Mb / 6P
   0.5W WHITE HIGH POWER LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com