Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1767EMS8-18 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1767EMS8-18
Description  Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1767EMS8-18 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1767EMS8-18 Datasheet HTML 7Page - Linear Technology LT1767EMS8-18 Datasheet HTML 8Page - Linear Technology LT1767EMS8-18 Datasheet HTML 9Page - Linear Technology LT1767EMS8-18 Datasheet HTML 10Page - Linear Technology LT1767EMS8-18 Datasheet HTML 11Page - Linear Technology LT1767EMS8-18 Datasheet HTML 12Page - Linear Technology LT1767EMS8-18 Datasheet HTML 13Page - Linear Technology LT1767EMS8-18 Datasheet HTML 14Page - Linear Technology LT1767EMS8-18 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1767/LT1767-1.8/
LT1767-2.5/LT1767-3.3/LT1767-5
sn1767 1767fas
APPLICATIONS INFORMATION
prevent subharmonic switching is reduced. This type of
subharmonic switching only occurs at input voltages less
than twice output voltage. Higher inductor values will tend
to eliminate this problem. See Frequency Compensation
section for a discussion of an entirely different cause of
subharmonic switching before assuming that the cause is
insufficient slope compensation. Application Note 19 has
more details on the theory of slope compensation.
LAYOUT CONSIDERATIONS
As with all high frequency switchers, when considering
layout, care must be taken in order to achieve optimal
electrical, thermal and noise performance. For maximum
efficiency, switch rise and fall times are typically in the
nanosecond range. To prevent noise both radiated and
conducted, the high speed switching current path, shown
in Figure 5, must be kept as short as possible. This is
implemented in the suggested layout of Figure 6. Shorten-
ing this path will also reduce the parasitic trace inductance
of approximately 25nH/inch. At switch off, this parasitic
inductance produces a flyback spike across the LT1767
switch. When operating at higher currents and input
voltages, with poor layout, this spike can generate volt-
ages across the LT1767 that may exceed its absolute
maximum rating. A ground plane should always be used
under the switcher circuitry to prevent interplane coupling
and overall noise.
Board layout also has a significant effect on thermal
resistance. Soldering the exposed pad to as large a copper
area as possible and placing feedthroughs under the pad
to a ground plane, will reduce die temperature and in-
crease the power capacity of the LT1767. For the
nonexposed package, Pin 4 is connected directly to the
pad inside the package. Similar treatment of this pin will
result in lower die temperatures.
THERMAL CALCULATIONS
Power dissipation in the LT1767 chip comes from four
sources: switch DC loss, switch AC loss, boost circuit
current, and input quiescent current. The following
formulas show how to calculate each of these losses.
These formulas assume continuous mode operation, so
they should not be used for calculating efficiency at light
load currents.
Switch loss:
P
RI
V
V
ns I
V
f
SW
SW OUT
OUT
IN
OUT
IN
=
() ( )
+
()( )( )
2
17
Boost current loss for VBOOST = VOUT:
P
VI
V
BOOST
OUT
OUT
IN
=
()
2
50
/
Quiescent current loss:
PV
QIN
=
()
0 001
.
RSW = Switch resistance (≈ 0.27Ω when hot)
17ns = Equivalent switch current/voltage overlap time
f = Switch frequency
Example: with VIN = 10V, VOUT = 5V and IOUT = 1A:
P
W
PW
PW
SW
BOOST
Q
= (
)( )()
+
()()( )()
=+
=
= ()(
)
=
=
()=
027 1
5
10
17 10
1 10 1 25 10
0 135 0 21 0 34
51 50
10
005
10 0 001
0 01
2
96
2
.
•.
..
.
/
.
..
Figure 5. High Speed Switching Path
1767 F05
5V
L1
SW
VIN
LT1767
D1
C1
C3
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
LOAD
The VC and FB components should be kept as far away as
possible from the switch and boost nodes. The LT1767
pinout has been designed to aid in this. The ground for
these components should be separated from the switch
current path. Failure to do so will result in poor stability or
subharmonic like oscillation.


Similar Part No. - LT1767EMS8-18

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767EMS8-1.8 LINER-LT1767EMS8-1.8 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results

Similar Description - LT1767EMS8-18

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com