Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1764AET-2.5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1764AET-2.5
Description  3A, Fast Transient Response, Low Noise, LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764AET-2.5 Datasheet(HTML) 3 Page - Linear Technology

  LT1764AET-2.5 Datasheet HTML 1Page - Linear Technology LT1764AET-2.5 Datasheet HTML 2Page - Linear Technology LT1764AET-2.5 Datasheet HTML 3Page - Linear Technology LT1764AET-2.5 Datasheet HTML 4Page - Linear Technology LT1764AET-2.5 Datasheet HTML 5Page - Linear Technology LT1764AET-2.5 Datasheet HTML 6Page - Linear Technology LT1764AET-2.5 Datasheet HTML 7Page - Linear Technology LT1764AET-2.5 Datasheet HTML 8Page - Linear Technology LT1764AET-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1764A Series
1764afb
LT1764A-2.5 VIN = 3V, ILOAD = 1mA
2.462
2.500
2.538
V
3.5V < VIN < 20V, 1mA < ILOAD < 3A
2.412
2.500
2.575
V
LT1764A-3.3 VIN = 3.8V, ILOAD = 1mA
3.250
3.300
3.350
V
4.3V < VIN < 20V, 1mA < ILOAD < 3A
3.183
3.300
3.400
V
ADJ Pin Voltage
LT1764A
VIN = 2.21V, ILOAD = 1mA
1.192
1.210
1.228
V
(Notes 3, 4)
E Grade: 2.7V < VIN < 20V, 1mA < ILOAD < 3A
1.168
1.210
1.246
V
MP Grade: 2.8V < VIN < 20V, 1mA < ILOAD < 3A
1.168
1.210
1.246
V
Line Regulation
LT1764A-1.5
∆VIN = 2.21V to 20V, ILOAD = 1mA
2.5
10
mV
LT1764A-1.8
∆VIN = 2.3V to 20V, ILOAD = 1mA
310
mV
LT1764A-2.5
∆VIN = 3V to 20V, ILOAD = 1mA
410
mV
LT1764A-3.3
∆VIN = 3.8V to 20V, ILOAD = 1mA
4.5
10
mV
LT1764A (Note 3)
∆VIN = 2.21V to 20V, ILOAD = 1mA
210
mV
Load Regulation
LT1764A-1.5
VIN = 2.7V, ∆ILOAD = 1mA to 3A
3
7
mV
VIN = 2.7V, ∆ILOAD = 1mA to 3A
23
mV
LT1764A-1.8
VIN = 2.8V, ∆ILOAD = 1mA to 3A
4
8
mV
VIN = 2.8V, ∆ILOAD = 1mA to 3A
25
mV
LT1764A-2.5
VIN = 3.5V, ∆ILOAD = 1mA to 3A
4
10
mV
VIN = 3.5V, ∆ILOAD = 1mA to 3A
30
mV
LT1764A-3.3
VIN = 4.3V, ∆ILOAD = 1mA to 3A
4
12
mV
VIN = 4.3V, ∆ILOAD = 1mA to 3A
40
mV
LT1764A (Note 3) VIN = 2.7V, ∆ILOAD = 1mA to 3A
2
5
mV
E Grade: VIN = 2.7V, ∆ILOAD = 1mA to 3A
20
mV
MP Grade: VIN = 2.8V, ∆ILOAD = 1mA to 3A
20
mV
Dropout Voltage
ILOAD = 1mA
0.02
0.05
V
VIN = VOUT(NOMINAL)
ILOAD = 1mA
0.10
V
(Notes 5, 6, 11)
ILOAD = 100mA
0.07
0.13
V
ILOAD = 100mA
0.18
V
ILOAD = 500mA
0.14
0.20
V
ILOAD = 500mA
0.27
V
ILOAD = 1.5A
0.25
0.33
V
ILOAD = 1.5A
0.40
V
ILOAD = 3A
0.34
0.45
V
ILOAD = 3A
0.66
V
GND Pin Current
ILOAD = 0mA
1
1.5
mA
VIN = VOUT(NOMINAL) + 1V
ILOAD = 1mA
1.1
1.6
mA
(Notes 5, 7)
ILOAD = 100mA
3.5
5
mA
ILOAD = 500mA
11
18
mA
ILOAD = 1.5A
40
75
mA
ILOAD = 3A
120
200
mA
Output Voltage Noise
COUT = 10µF, ILOAD = 3A, BW = 10Hz to 100kHz
40
µVRMS
ADJ Pin Bias Current
(Notes 3, 8)
310
µA
Shutdown Threshold
VOUT = Off to On
0.9
2
V
VOUT = On to Off
0.25
0.75
V
SHDN Pin Current
VSHDN = 0V
0.01
1
µA
(Note 9)
VSHDN = 20V
730
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
0.01
1
µA
Ripple Rejection
VIN – VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P,55
63
dB
fRIPPLE = 120Hz, ILOAD = 1.5A
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)


Similar Part No. - LT1764AET-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764AET-2.5 LINER-LT1764AET-2.5 Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764AET-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764 Datasheet
213Kb / 16P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com