Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1764AET-1.8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1764AET-1.8
Description  3A, Fast Transient Response, Low Noise, LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764AET-1.8 Datasheet(HTML) 1 Page - Linear Technology

  LT1764AET-1.8 Datasheet HTML 1Page - Linear Technology LT1764AET-1.8 Datasheet HTML 2Page - Linear Technology LT1764AET-1.8 Datasheet HTML 3Page - Linear Technology LT1764AET-1.8 Datasheet HTML 4Page - Linear Technology LT1764AET-1.8 Datasheet HTML 5Page - Linear Technology LT1764AET-1.8 Datasheet HTML 6Page - Linear Technology LT1764AET-1.8 Datasheet HTML 7Page - Linear Technology LT1764AET-1.8 Datasheet HTML 8Page - Linear Technology LT1764AET-1.8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1764A Series
1764afb
3A, Fast Transient
Response, Low Noise,
LDO Regulators
Optimized for Fast Transient Response
Output Current: 3A
Dropout Voltage: 340mV at 3A
Low Noise: 40
µVRMS (10Hz to 100kHz)
1mA Quiescent Current
Wide Input Voltage Range: 2.7V to 20V
No Protection Diodes Needed
Controlled Quiescent Current in Dropout
Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3.3V
Adjustable Output from 1.21V to 20V
<1
µA Quiescent Current in Shutdown
Stable with 10
µF Output Capacitor*
Stable with Ceramic Capacitors*
Reverse Battery Protection
No Reverse Current
Thermal Limiting
The LT
®1764A is a low dropout regulator optimized for
fast transient response. The device is capable of supplying
3A of output current with a dropout voltage of 340mV.
Operating quiescent current is 1mA, dropping to < 1
µA in
shutdown. Quiescent current is well controlled; it does not
rise in dropout as it does with many other regulators. In
addition to fast transient response, the LT1764A has very
low output voltage noise which makes the device ideal for
sensitive RF supply applications.
Output voltage range is from 1.21V to 20V. The LT1764A
regulators are stable with output capacitors as low as 10
µF.
Internal protection circuitry includes reverse battery pro-
tection, current limiting, thermal limiting and reverse cur-
rent protection. The device is available in fixed output
voltages of 1.5V, 1.8V, 2.5V, 3.3V and as an adjustable
device with a 1.21V reference voltage. The LT1764A regu-
lators are available in 5-lead TO-220 and DD packages, and
16-lead FE packages.
Dropout Voltage
3.3VIN to 2.5VOUT Regulator
3.3V to 2.5V Logic Power Supply
Post Regulator for Switching Supplies
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
IN
SHDN
10
µF*
*TANTALUM,
CERAMIC OR
ALUMINUM ELECTROLYTIC
1764 TA01
OUT
VIN > 3V
SENSE
GND
LT1764A-2.5
2.5V
3A
10
µF*
+
+
LOAD CURRENT (A)
0
0.5
1.0
2.0
1.5
2.5
3.0
1764 TA02
400
350
300
250
200
150
100
50
0
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*See Applications Information Section.


Similar Part No. - LT1764AET-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764AET-1.8 LINER-LT1764AET-1.8 Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764AET-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764 Datasheet
213Kb / 16P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com