Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV2500L-30LI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATV2500L-30LI
Description  High-Density UV-Erasable Programmable Logic Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500L-30LI Datasheet(HTML) 4 Page - ATMEL Corporation

  ATV2500L-30LI Datasheet HTML 1Page - ATMEL Corporation ATV2500L-30LI Datasheet HTML 2Page - ATMEL Corporation ATV2500L-30LI Datasheet HTML 3Page - ATMEL Corporation ATV2500L-30LI Datasheet HTML 4Page - ATMEL Corporation ATV2500L-30LI Datasheet HTML 5Page - ATMEL Corporation ATV2500L-30LI Datasheet HTML 6Page - ATMEL Corporation ATV2500L-30LI Datasheet HTML 7Page - ATMEL Corporation ATV2500L-30LI Datasheet HTML 8Page - ATMEL Corporation ATV2500L-30LI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ATV2500H/L
4
Output Logic, Registered
Output Logic, Combinatorial
These diagrams show equivalent logic functions, not necessarily the actual circuit implementation.
Note:
1. These 4 terms are shared with D1.
Note:
1. These 4 terms are shared with D1.
S2
S1
S0
Terms In
Output Configuration
D1
D2
0
0
0
8
4
Registered (Q1)
010
12
4(1)
Registered (Q1)
S3
Output Configuration
0
Active Low
1
Active High
S2
S1
S0
Terms In
Output Configuration
D1
D2
10
0
4(1)
4
Combinatorial (8 Terms)
1
0
1
4
4
Combinatorial (4 Terms)
11
0
4(1)
4(1)
Combinatorial (12 Terms)
S3
Output Configuration
0
Active Low
1
Active High
DC and AC Operating
ATV2500H-25
ATV2500H/L-30
ATV2500H/L-35
Operating
Temperature
(Case)
Com.
0
°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C-40°C - 85°C
Mil.
-55
°C - 125°C-55°C - 125°C-55°C - 125°C
VCC Power Supply
5V
±±±± 10%
5V
±±±± 10%
5V
±±±± 10%


Similar Part No. - ATV2500L-30LI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-12JC ATMEL-ATV2500B-12JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-12KC ATMEL-ATV2500B-12KC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JC ATMEL-ATV2500B-15JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JI ATMEL-ATV2500B-15JI Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
More results

Similar Description - ATV2500L-30LI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com