Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNPW0402MDETD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TNPW0402MDETD
Description  High Stability Thin Film Chip Resistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW0402MDETD Datasheet(HTML) 1 Page - Vishay Siliconix

  TNPW0402MDETD Datasheet HTML 1Page - Vishay Siliconix TNPW0402MDETD Datasheet HTML 2Page - Vishay Siliconix TNPW0402MDETD Datasheet HTML 3Page - Vishay Siliconix TNPW0402MDETD Datasheet HTML 4Page - Vishay Siliconix TNPW0402MDETD Datasheet HTML 5Page - Vishay Siliconix TNPW0402MDETD Datasheet HTML 6Page - Vishay Siliconix TNPW0402MDETD Datasheet HTML 7Page - Vishay Siliconix TNPW0402MDETD Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High Stability Thin Film Chip Resistor
≤ 0.05 % (1000 h rated power at 70 °C)
www.vishay.com
For technical questions contact: ff3aresistors@vishay.com
Document Number: 31006
66
Revision: 06-Jul-06
TNPW
Vishay
TNPW Precision Thin Film Flat Chip Resistors are the
perfect choice for most fields of modern electronics where
reliability
and
stability
is
of
major
concern.
Typical
applications include telecommunication, industrial, medical
equipment, high-end computer and audio/video electronics.
FEATURES
• Metal film layer on high quality ceramic
• Protective top coat
• Tin/lead (Pb) solder contacts
• Excellent overall stability at different environmental
conditions
≤ 0.05 % (1000 h rated power at + 70 °C)
• Low temperature coefficient and tight tolerances (± 0.1 %;
± 10 ppm/K)
APPLICATIONS
• Automotive
• Telecommunication
• Medical Equipment
• Industrial Equipment
1) Size not specified in EN 140401-801
2) Rated voltage
. The power dissipation on the resistor
generates a temperature rise against the local ambient, depending
on the heat flow support of the printed-circuit board (thermal
resistance). The rated dissipation applies only if the permitted film
temperature is not exceeded
3) Measuring conditions in accordance with EN 140401-801
• TNPW 0402 without marking
• Extended values, tighter tolerances and temperature coefficient
available on request
STANDARD ELECTRICAL SPECIFICATIONS
TNPW0402
TNPW0603
TNPW0805
TNPW1206
TNPW12101)
TNPW2010
TNPW25121)
Metric Size
RR 1005M
RR 1608M
RR 2012M
RR 3216M
RR 3225M
RR 5025M
RR 6332M
Resistance range
10
Ω to 100 kΩ
10
Ω to 332 kΩ
10
Ω to 1 MΩ
10
Ω to 2 MΩ
10
Ω to 3.01 MΩ 10 Ω to 4.99 MΩ 10 Ω to 8.87 MΩ
Resistance
tolerance
± 1 %; ± 0.5 %; ± 0.1 %
Temperature
Coefficent
± 50 ppm/K; ± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K
± 50 ppm/K; ± 25 ppm/K
Climatic category
(LCT/UCT/days)
55/125/56
55/125/56
55/125/56
55/125/56
55/125/56
55/125/56
55/125/56
Rated dissipation,
P70 2)
0.063 W
0.1 W
0.125 W
0.25 W
0.33 W
0.4 W
0.5 W
Operating voltage,
Umax AC/DC
50 V
75 V
150 V
200 V
200 V
300 V
300 V
Maximum permissible
film temperature
155 °C
155 °C
155 °C
155 °C
155 °C
155 °C
155 °C
Thermal resistance3)
870 K/W
550 K/W
440 K/W
220 K/W
170 K/W
140 K/W
110 K/W
Insulation voltage:
Uins 1 min
75 V
100 V
200 V
300 V
300 V
300 V
300 V
continuous
75 V
75 V
75 V
75 V
75 V
75 V
75 V
Failure rate
≤ 0.3 x 10-9/h
≤ 0.3 x 10-9/h
≤ 0.3 x 10-9/h
≤ 0.3 x 10-9/h
≤ 0.3 x 10-9/h
≤ 0.3 x 10-9/h
≤ 0.3 x 10-9/h
Weight/1000 pcs.
0.65 g
2 g
5.5 g
10 g
16 g
28 g
39 g
PR
×


Similar Part No. - TNPW0402MDETD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0402MK32BEEA VISHAY-TNPW0402MK32BEEA Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402MK32BEEA0H VISHAY-TNPW0402MK32BEEA0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402MK32BEEC VISHAY-TNPW0402MK32BEEC Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402MK32BEEC0H VISHAY-TNPW0402MK32BEEC0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402MK32BEED VISHAY-TNPW0402MK32BEED Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
More results

Similar Description - TNPW0402MDETD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com