Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491U157M004AT7280 Datasheet(PDF) 9 Page - Kemet Corporation

Part # T491U157M004AT7280
Description  T491 Industrial Grade MnO2 Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491U157M004AT7280 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T491U157M004AT7280 Datasheet HTML 5Page - Kemet Corporation T491U157M004AT7280 Datasheet HTML 6Page - Kemet Corporation T491U157M004AT7280 Datasheet HTML 7Page - Kemet Corporation T491U157M004AT7280 Datasheet HTML 8Page - Kemet Corporation T491U157M004AT7280 Datasheet HTML 9Page - Kemet Corporation T491U157M004AT7280 Datasheet HTML 10Page - Kemet Corporation T491U157M004AT7280 Datasheet HTML 11Page - Kemet Corporation T491U157M004AT7280 Datasheet HTML 12Page - Kemet Corporation T491U157M004AT7280 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005-1 • 5/18/2011
99
Standard MnO
2 Tantalum Surface Mount Capacitors – T491 Industrial Grade MnO2 Series
1) To complete KEMET part number, insert M for ± 20% or K for ± 10%. Designates Capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates
Termination Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.
Table 1 – Ratings & Part Number Reference con't
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
85ºC
120Hz
KEMET/EIA
(See below for
part options)
µAmps +20ºC +20ºC 120Hz +20ºC 100kHz
+25ºC
100kHz
+85ºC
100kHz
+125ºC
100kHz
Temp≤260ºC
VDC
µF
max/5min
% Max
Ohms
mAmps
mAmps
mAmps
J-STD-020D
10
330
D/7343-31
T491D337(M)010A(2)
33.0
10.0
0.5
548
493
219
1
10
330
X/7343-43
T491X337(1)010A(2)
33.0
10.0
0.5
574
517
230
1
10
330
E/7260-38
T491E337(1)010A(2)
33.0
10.0
0.5
632
569
253
1
10
470
X/7343-43
T491X477(M)010A(2)
47.0
10.0
0.2
908
817
363
1
10
470
E/7260-38
T491E477(M)010A(2)
47.0
12.0
0.5
632
569
253
1
16
1
A/3216-18
T491A105(1)016A(2)
0.2
4.0
10.0
87
78
35
1
16
1.5
A/3216-18
T491A155(1)016A(2)
0.2
6.0
8.0
97
87
39
1
16
2.2
A/3216-18
T491A225(1)016A(2)
0.4
6.0
6.0
112
101
45
1
16
2.2
S/3216-12
T491S225(1)016A(2)
0.4
6.0
15.0
63
57
25
1
16
2.2
R/2012-12
T491R225(1)016A(2)
0.4
8.0
25.0
32
29
13
1
16
3.3
B/3528-21
T491B335(1)016A(2)
0.5
6.0
3.5
156
140
62
1
16
3.3
A/3216-18
T491A335(1)016A(2)
0.5
6.0
5.0
122
110
49
1
16
4.7
C/6032-28
T491C475(1)016A(2)
0.8
6.0
2.4
214
193
86
1
16
4.7
B/3528-21
T491B475(1)016A(2)
0.8
6.0
3.5
156
140
62
1
16
4.7
A/3216-18
T491A475(1)016A(2)
0.8
6.0
4.0
137
123
55
1
16
4.7
T/3528-12
T491T475(1)016A(2)
0.8
6.0
5.0
118
106
47
1
16
6.8
C/6032-28
T491C685(1)016A(2)
1.1
6.0
1.9
241
217
96
1
16
6.8
B/3528-21
T491B685(1)016A(2)
1.1
6.0
2.5
184
166
74
1
16
6.8
A/3216-18
T491A685(1)016A(2)
1.1
6.0
3.5
146
131
58
1
16
10
C/6032-28
T491C106(1)016A(2)
1.6
6.0
1.8
247
222
99
1
16
10
U/6032-15
T491U106(1)016A(2)
1.6
6.0
1.8
224
202
90
1
16
10
B/3528-21
T491B106(1)016A(2)
1.6
6.0
2.8
174
157
70
1
16
10
A/3216-18
T491A106(1)016A(2)
1.6
8.0
7.0
104
94
42
1
16
10
T/3528-12
T491T106(1)016A(2)
1.6
8.0
8.0
94
85
38
1
16
15
C/6032-28
T491C156(1)016A(2)
2.4
6.0
1.8
247
222
99
1
16
15
U/6032-15
T491U156(1)016A(2)
2.4
6.0
1.8
224
202
90
1
16
15
B/3528-21
T491B156(1)016A(2)
2.4
6.0
2.5
184
166
74
1
16
15
A/3216-18
T491A156(1)016A(2)
2.4
8.0
3.5
146
131
58
1
16
22
D/7343-31
T491D226(1)016A(2)
3.5
6.0
0.8
433
390
173
1
16
22
C/6032-28
T491C226(1)016A(2)
3.5
6.0
1.6
262
236
105
1
16
22
U/6032-15
T491U226(1)016A(2)
3.5
10.0
3.0
173
156
69
1
16
22
B/3528-21
T491B226(1)016A(2)
3.5
6.0
2.2
197
177
79
1
16
33
D/7343-31
T491D336(1)016A(2)
5.3
6.0
0.8
433
390
173
1
16
33
C/6032-28
T491C336(1)016A(2)
5.3
6.0
1.2
303
273
121
1
16
33
U/6032-15
T491U336(1)016A(2)
5.3
12.0
3.0
173
156
69
1
16
33
B/3528-21
T491B336(1)016A(2)
5.3
8.0
2.1
201
181
80
1
16
47
D/7343-31
T491D476(1)016A(2)
7.5
6.0
0.8
433
390
173
1
16
47
V/7343-20
T491V476(1)016A(2)
7.5
6.0
0.7
423
381
169
1
16
47
C/6032-28
T491C476(1)016A(2)
7.5
6.0
1.2
303
273
121
1
16
68
V/7343-20
T491V686(1)016A(2)
10.9
6.0
0.7
423
381
169
1
16
68
C/6032-28
T491C686(1)016AT
10.9
6.0
1.2
303
273
121
1
16
68
W/7343-15
T491W686(1)016AT
10.9
6.0
0.8
474
427
190
1
16
68
D/7343-31
T491D686(1)016A(2)
10.9
6.0
0.7
463
417
185
1
16
68
C/6032-28
T491C686(1)016A(2)
10.9
12.0
1.2
303
273
121
1
16
100
X/7343-43
T491X107(1)016A(2)
16.0
8.0
0.7
486
437
194
1
16
100
C/6032-28
T491C107(1)016AT
16.0
10.0
1.0
332
299
133
1
16
100
V/7343-20
T491V107(1)016A(2)
16.0
12.0
0.7
423
381
169
1
VDC
µF
KEMET/EIA
(See below for
part options)
max/5min
% Max
Ohms
mAmps
mAmps
mAmps
J-STD-020D
85ºC
120Hz
µAmps +20ºC +20ºC 120Hz +20ºC 100kHz
+25ºC
100kHz
+85ºC
100kHz
+125ºC
100kHz
Temp≤260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Roll Over for
Order Info.
T
491
X
157
K
020
A
T
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
Packaging (C-Spec)
T =
Tantalum
Industrial
A = 3216-18
B = 3528-21
C = 6032-28
D = 7343-31
E = 7260-38
R = 2012-12
S = 3216-12
T = 3528-12
U = 6032-15
V = 7343-20
X = 7343-43
First two digits
represent significant
figures. Third digit
specifies number of
zeros.
K = ±10%
M = ±20%
2R5 = 2.5V
003 = 3V
004 = 4V
006 = 6.3V
010 = 10V
016 = 16V
020 = 20V
025 = 25V
035 = 35V
050 = 50V
A = N/A
Z = N/A
T = 100% Matte Tin
(Sn) Plated
H = Standard Solder
Coated (SnPb 5%
Pb minimum)
G = Gold Plated (A, B,
C, D, X only)
Blank = 7" Reel
7280 = 13" Reel


Similar Part No. - T491U157M004AT7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491U157M004AT KEMET-T491U157M004AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
More results

Similar Description - T491U157M004AT7280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A105M016ZT KEMET-T491A105M016ZT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B156K016AT KEMET-T491B156K016AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B475K020AT KEMET-T491B475K020AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491C475K020AT KEMET-T491C475K020AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com