Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1585CT-3.6 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1585CT-3.6
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1585CT-3.6 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1585CT-3.6 Datasheet HTML 3Page - Linear Technology LT1585CT-3.6 Datasheet HTML 4Page - Linear Technology LT1585CT-3.6 Datasheet HTML 5Page - Linear Technology LT1585CT-3.6 Datasheet HTML 6Page - Linear Technology LT1585CT-3.6 Datasheet HTML 7Page - Linear Technology LT1585CT-3.6 Datasheet HTML 8Page - Linear Technology LT1585CT-3.6 Datasheet HTML 9Page - Linear Technology LT1585CT-3.6 Datasheet HTML 10Page - Linear Technology LT1585CT-3.6 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1584/LT1585/LT1587
158457a
TYPICAL PERFORMANCE CHARACTERISTICS
LT1584/5/7 Minimum Load
Current vs Temperature
LT1584/5/7-3.XX Quiescent
Current vs Temperature
LT1584/5/7 Adjust Pin Current
vs Temperature
LT1584/5/7 Ripple Rejection
vs Frequency
LT1584 Maximum Power
Dissipation*
LT1585/7 Maximum Power
Dissipation*
LT1584/5/7 Reference Voltage
vs Temperature
Output Voltage vs Temperature
Using Adjustable LT1584/5/7
TEMPERATURE (
°C)
–75
1.255
1.265
1.275
125
LT1584 • TPC10
1.245
1.235
1.250
1.260
1.270
1.240
1.230
1.255
–25
25
75
–50
150
0
50
100
175
TEMPERATURE (
°C)
–75
3.60
3.65
3.70
125
LT1584 • TPC11
3.55
3.50
3.45
3.40
3.35
3.30
3.25
3.20
–25
25
75
–50
150
0
50
100
175
VOUT = 3.6V
VOUT = 3.45V
VOUT = 3.38V
VOUT = 3.3V
VOUT SET WITH 1% RESISTORS
TEMPERATURE (
°C)
–75
3.60
3.65
3.70
125
LT1584 • TPC12
3.55
3.50
3.45
3.40
3.35
3.30
3.25
3.20
–25
25
75
–50
150
0
50
100
175
VOUT = 3.6V
VOUT = 3.45V
VOUT = 3.38V
VOUT = 3.3V
TEMPERATURE (
°C)
–75
3
4
5
125
LT1584 • TPC13
2
1
0
–25
25
75
–50
150
0
50
100
175
TEMPERATURE (
°C)
–75
60
80
100
125
LT1584 • TPC14
40
20
50
70
90
30
10
0
–25
25
75
–50
150
0
50
100
175
TEMPERATURE (
°C)
–75
9
11
13
125
LT1584 • TPC15
7
5
8
10
12
6
4
3
–25
25
75
–50
150
0
50
100
175
FREQUENCY (Hz)
20
40
50
70
90
10
1k
10k
100k
LT1584 • TPC16
0
100
60
30
10
80
LT1584: (VIN – VOUT) ≤ 2.5V
LT1585/87: (VIN – VOUT) ≤ 3V
0.5V
≤ VRIPPLE ≤ 2V
IOUT = IFULL LOAD
CASE TEMPERATURE (˚C)
50
20
25
30
80
100
LT1584 • TPC17
15
10
60 70
90
110 120 130 140 150
5
0
LT1585
LT1587
CASE TEMPERATURE (
°C)
0
10
20
30
5
15
25
70
90
110
130
LT1584 • TPC18
150
60
50
80
100
120
140
LT1584/5/7-3.XX Output Voltage
vs Temperature
*AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
*AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE


Similar Part No. - LT1585CT-3.6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585CT-3.6 LINER-LT1585CT-3.6 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585CT-3.6 LINER-LT1585CT-3.6 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results

Similar Description - LT1585CT-3.6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com