Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-QWBH-NGJ0E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-QWBH-NGJ0E
Description  0.5W Cool White Power PLCC4 Surface Mount LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-QWBH-NGJ0E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-QWBH-NGJ0E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBH-NGJ0E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBH-NGJ0E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBH-NGJ0E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBH-NGJ0E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBH-NGJ0E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBH-NGJ0E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBH-NGJ0E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-QWBH-NGJ0E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Package Drawing
1. Dimensions in mm.
2. Terminal Finish: Ag plating.
Device Selection Guide (TJ = 25 °C)
CRI
Luminous Flux (lm)1,2
Color
Part Number
CCT (K)
Typ
Min
Typ
Max
Test
Current
(mA)
Chip
Cool White
ASMT-QWBG-NFH0E
4000 ~ 8000
85
45.7
48.0
62.0
150
InGaN
Cool White
ASMT-QWBG-NFHAE
8000
85
45.7
48.0
62.0
150
InGaN
Cool White
ASMT-QWBG-NFHBE
6500
85
45.7
48.0
62.0
150
InGaN
Cool White
ASMT-QWBG-NFHCE
5700
85
45.7
48.0
62.0
150
InGaN
Cool White
ASMT-QWBG-NFHDE
5000
85
45.7
48.0
62.0
150
InGaN
Cool White
ASMT-QWBG-NFHEE
4500
85
45.7
48.0
62.0
150
InGaN
Cool White
ASMT-QWBG-NFHFE
4000
85
45.7
48.0
62.0
150
InGaN
Cool White
ASMT-QWBH-NGJ0E
4000 ~ 8000
75
51.7
54.3
67.2
150
InGaN
Cool White
ASMT-QWBH-NGJAE
8000
75
51.7
54.3
67.2
150
InGaN
Cool White
ASMT-QWBH-NGJBE
6500
75
51.7
54.3
67.2
150
InGaN
Cool White
ASMT-QWBH-NGJCE
5700
75
51.7
54.3
67.2
150
InGaN
Cool White
ASMT-QWBH-NGJDE
5000
75
51.7
54.3
67.2
150
InGaN
Cool White
ASMT-QWBH-NGJEE
4500
75
51.7
54.3
67.2
150
InGaN
Cool White
ASMT-QWBH-NGJFE
4000
75
51.7
54.3
67.2
150
InGaN
Cool White
ASMT-QWBJ-NGJ0E
4000 ~ 8000
60
51.7
54.3
67.2
150
InGaN


Similar Part No. - ASMT-QWBH-NGJ0E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QWB2-NEF0E AVAGO-ASMT-QWB2-NEF0E Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
ASMT-QWBF-NKL0E AVAGO-ASMT-QWBF-NKL0E Datasheet
131Kb / 10P
   High reliability package with enhanced silicone resin encapsulation
More results

Similar Description - ASMT-QWBH-NGJ0E

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSAWBCR4 OPTEK-OVSAWBCR4 Datasheet
509Kb / 6P
   White PLCC4 Surface Mount LED
logo
TT Electronics.
OVSAWBCR4 TTELEC-OVSAWBCR4 Datasheet
390Kb / 6P
   White PLCC4 Surface Mount LED
logo
OPTEK Technologies
OVSAWBCR9 OPTEK-OVSAWBCR9 Datasheet
1Mb / 5P
   White PLCC4 Surface Mount LED
logo
TT Electronics.
OVSAWBCR9 TTELEC-OVSAWBCR9 Datasheet
850Kb / 5P
   White PLCC4 Surface Mount LED
logo
Bivar, Inc.
SM5730UWDX05 BIVAR-SM5730UWDX05 Datasheet
714Kb / 5P
   SURFACE MOUNT LED WHITE, 5730 PACKAGE, 0.5W
Revision A
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
logo
Elite Enterprises (H.K....
PP6N-FLXX-3SC ELITE-PP6N-FLXX-3SC Datasheet
844Kb / 19P
   0.5W White/ Warm White Power LED
logo
LUMEX INC.
SML-LX4747UWC-TR10 LUMEX-SML-LX4747UWC-TR10 Datasheet
356Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, COOL WHITE
SML-LX4747UWCATR10 LUMEX-SML-LX4747UWCATR10 Datasheet
379Kb / 4P
   12mm x 12mm SURFACE MOUNT LED, COOL WHITE
logo
P-tec Corporation
PL00555W-WCCWZ P-TEC-PL00555W-WCCWZ Datasheet
1Mb / 6P
   0.5W WHITE HIGH POWER LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com