Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1585CT-3.38 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1585CT-3.38
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1585CT-3.38 Datasheet(HTML) 1 Page - Linear Technology

  LT1585CT-3.38 Datasheet HTML 1Page - Linear Technology LT1585CT-3.38 Datasheet HTML 2Page - Linear Technology LT1585CT-3.38 Datasheet HTML 3Page - Linear Technology LT1585CT-3.38 Datasheet HTML 4Page - Linear Technology LT1585CT-3.38 Datasheet HTML 5Page - Linear Technology LT1585CT-3.38 Datasheet HTML 6Page - Linear Technology LT1585CT-3.38 Datasheet HTML 7Page - Linear Technology LT1585CT-3.38 Datasheet HTML 8Page - Linear Technology LT1585CT-3.38 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1584/LT1585/LT1587
158457a
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
7A, 4.6A, 3A Low Dropout
Fast Response
Positive Regulators
Adjustable and Fixed
NOTE: MICROPROCESSOR APPLICATIONS WITH LOAD TRANSIENTS OF 3.8A REQUIRE
OUTPUT DECOUPLING CAPACITANCE > 1300
µF ON FIXED VOLTAGE PARTS TO ACHIEVE
< 50mV OF DEVIATION FROM NOMINAL OUTPUT. CONSULT FACTORY FOR DETAILS
The LT
®1584/LT1585/LT1587 are low dropout three-
terminal regulators with 7A, 4.6A and 3A output current
capability, respectively. Design has been optimized for low
voltage applications where transient response and mini-
mum input voltage are critical. Similar to the LT1083/4/5
family, it has lower dropout voltage and faster transient
response. These improvements make it ideal for low volt-
age microprocessor applications requiring a regulated
2.5V to 3.6V output with an input supply below 7V.
Current limit is trimmed to ensure specified output current
and controlled short-circuit current. On-chip thermal lim-
iting provides protection against any combination of over-
load that would create excessive junction temperatures.
The LT1585/LT1587 are available in both the through-hole
and surface mount versions of the industry standard 3-pin
TO-220 power package. The LT1584 is available in the
through-hole 3-pin TO-220 power package.
s
Fast Transient Response
s
Guaranteed Dropout Voltage at Multiple Currents
s
Load Regulation: 0.05% Typical
s
Trimmed Current Limit
s
On-Chip Thermal Limiting
s
Standard 3-Pin Power Package
s
Pentium
TM Processor Supplies
s
PowerPC
TM Supplies
s
Other 2.5V to 3.6V Microprocessor Supplies
s
Low Voltage Logic Supplies
s
Battery-Powered Circuitry
s
Post Regulator for Switching Supply
LT1585/7CM, LT1584/5/7CT
Adjustable
LT1585/7CM-3.3, LT1584/5/7CT-3.3
3.3V Fixed
LT1585CM-3.38, LT1584/5CT-3.38
3.38V Fixed
LT1585/7CM-3.45, LT1584/5/7CT-3.45
3.45V Fixed
LT1585/7CM-3.6, LT1584/5/7CT-3.6
3.6V Fixed
, LTC and LT are registered trademarks of Linear Technology Corporation.
Pentium is a trademark of Intel Corporation. PowerPC is a trademark of IBM Corporation.
3.3V, 7A, 4.6A, 3A Regulator
LT1584-3.3
LT1585-3.3
LT1587-3.3
VIN ≥ 4.75V
1585 TA01
C1
10
µF
* REQUIRED FOR STABILITY
LT1584: C2 = 22
µF,
LT1585/LT1587: C2 = 10
µF
3.3V
7A, 4.6A, 3A
C2*
SOLID
TANTALUM
+
+
OUTPUT CURRENT (A)
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
1585 TA02
IFULL LOAD
Dropout Voltage vs Output Current


Similar Part No. - LT1585CT-3.38

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1585CT-3.38 LINER-LT1585CT-3.38 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585CT-3.38 LINER-LT1585CT-3.38 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
More results

Similar Description - LT1585CT-3.38

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
logo
Linear Technology
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
   5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com