Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1615ES5-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1615ES5-1
Description  Micropower Step-Up DC/DC Converters in ThinSOT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1615ES5-1 Datasheet(HTML) 1 Page - Linear Technology

  LT1615ES5-1 Datasheet HTML 1Page - Linear Technology LT1615ES5-1 Datasheet HTML 2Page - Linear Technology LT1615ES5-1 Datasheet HTML 3Page - Linear Technology LT1615ES5-1 Datasheet HTML 4Page - Linear Technology LT1615ES5-1 Datasheet HTML 5Page - Linear Technology LT1615ES5-1 Datasheet HTML 6Page - Linear Technology LT1615ES5-1 Datasheet HTML 7Page - Linear Technology LT1615ES5-1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1615/LT1615-1
sn16151 16151fas
Micropower Step-Up
DC/DC Converters
in ThinSOT
The LT
®1615/LT1615-1 are micropower step-up DC/DC
converters in a 5-lead low profile (1mm) ThinSOT pack-
age. The LT1615 is designed for higher power systems
with a 350mA current limit and an input voltage range of
1.2V to 15V, whereas the LT1615-1 is intended for lower
power and single-cell applications with a 100mA current
limit and an extended input voltage range of 1V to 15V.
Otherwise, the two devices are functionally equivalent.
Both devices feature a quiescent current of only 20
µAatno
load, which further reduces to 0.5
µA in shutdown. A
current limited, fixed off-time control scheme conserves
operating current, resulting in high efficiency over a broad
range of load current. The 36V switch allows high voltage
outputs up to 34V to be easily generated in a simple boost
topology without the use of costly transformers. The
LT1615’s low off-time of 400ns permits the use of tiny, low
profile inductors and capacitors to minimize footprint and
cost in space-conscious portable applications.
s
Low Quiescent Current:
20
µA in Active Mode
<1
µA in Shutdown Mode
s
Operates with VIN as Low as 1V
s
Low VCESAT Switch: 250mV at 300mA
s
Uses Small Surface Mount Components
s
High Output Voltage: Up to 34V
s
Low Profile (1mm) ThinSOT
TM Package
s
LCD Bias
s
Handheld Computers
s
Battery Backup
s
Digital Cameras
, LTC and LT are registered trademarks of Linear Technology Corporation.
1-Cell Li-Ion to 20V Converter for LCD Bias
VIN
SW
FB
LT1615
VIN
2.5V TO 4.2V
L1
10
µH
D1
SHDN
R2
130k
R1
2M
C2
1
µF
20V
12mA
C1: TAIYO YUDEN LMK316BJ475
C2: TAIYO YUDEN TMK316BJ105
D1: MOTOROLA MBR0530
L1: MURATA LQH3C100K24
1615/-1 TA01
GND
C1
4.7
µF
Efficiency
LOAD CURRENT (mA)
0.1
0.3
1
3
10
30
1615/-1 TA01a
85
80
75
70
65
60
55
50
VIN = 4.2V
VIN = 2.5V
VIN = 3.3V
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
ThinSOT is a trademark of Linear Technology Corporation.


Similar Part No. - LT1615ES5-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
104Kb / 8P
   Micropower Step-Up DC/DC Convertersin SOT-23
logo
Linear Integrated Syste...
LT1615ES5-1 LINEAR-LT1615ES5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
More results

Similar Description - LT1615ES5-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT3461 LINER-LT3461 Datasheet
149Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT3461A LINER-LT3461A_15 Datasheet
159Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LT3461 LINER-LT3461_15 Datasheet
159Kb / 8P
   1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
logo
ams AG
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com