Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USCLSXSXAVAVHTX Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # USCLSXSXAVAVHTX
Description  Digital Panel Meters Modular signal conditioner Type USC-DIN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USCLSXSXAVAVHTX Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button USCLSXSXAVAVHTX Datasheet HTML 4Page - List of Unclassifed Manufacturers USCLSXSXAVAVHTX Datasheet HTML 5Page - List of Unclassifed Manufacturers USCLSXSXAVAVHTX Datasheet HTML 6Page - List of Unclassifed Manufacturers USCLSXSXAVAVHTX Datasheet HTML 7Page - List of Unclassifed Manufacturers USCLSXSXAVAVHTX Datasheet HTML 8Page - List of Unclassifed Manufacturers USCLSXSXAVAVHTX Datasheet HTML 9Page - List of Unclassifed Manufacturers USCLSXSXAVAVHTX Datasheet HTML 10Page - List of Unclassifed Manufacturers USCLSXSXAVAVHTX Datasheet HTML 11Page - List of Unclassifed Manufacturers USCLSXSXAVAVHTX Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Specifications are subject to change without notice
USCDS040706
9
USC
Wiring diagrams of optional modules
BO AV: single analogue
output (10V, 20mA)
BP H: power supply
BP L: power supply
F1= 630mA T
250V 5x20mm
F1= 3.15A T
250V 5x20mm
Temp. measur. from thermoresistance
Temp. measur. from thermocouple
Resistance measurements
Fig. 10
Fig. 11
Fig. 12
Wiring diagrams for temperature measurements
BQ TRX
BQ TRX
BQ TRX
Wiring diagrams (cont.)
Wiring diagrams for power supply
BO R1: 1 relay output
BO R2: 2 relay outputs
BO R5: 4 relay outputs


Similar Part No. - USCLSXSXAVAVHTX

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-130 ADVANTECH-USC-130 Datasheet
1Mb / 2P
   Multi- purpose stand
14-Jul-2020
USC-130AP-BC106 ADVANTECH-USC-130AP-BC106 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
USC-130AP-BC201 ADVANTECH-USC-130AP-BC201 Datasheet
772Kb / 3P
   11.6" ARM Based Android All-in-One Computer
6-Mar-2023
More results

Similar Description - USCLSXSXAVAVHTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USC-DIN ETC2-USC-DIN Datasheet
399Kb / 12P
   Digital Panel Meters Modular signal conditioner
UDM40 ETC2-UDM40 Datasheet
668Kb / 11P
   Digital Panel Meters Modular Indicator and Controller
UDM35 ETC2-UDM35 Datasheet
667Kb / 11P
   Digital Panel Meters Modular Indicator and Controller
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
Tyco Electronics
30030 MACOM-30030 Datasheet
644Kb / 12P
   240 Series DIN Panel Meters
logo
List of Unclassifed Man...
EDM35V1D41 ETC2-EDM35V1D41 Datasheet
218Kb / 7P
   Panel Meters and Controllers Panel Meter Modular
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com