Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206JR-0724M Datasheet(PDF) 3 Page - YAGEO Corporation

Part # 1206JR-0724M
Description  HIGH OHMIC CHIP RESISTORS RC high ohmic series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

1206JR-0724M Datasheet(HTML) 3 Page - YAGEO Corporation

  1206JR-0724M Datasheet HTML 1Page - YAGEO Corporation 1206JR-0724M Datasheet HTML 2Page - YAGEO Corporation 1206JR-0724M Datasheet HTML 3Page - YAGEO Corporation 1206JR-0724M Datasheet HTML 4Page - YAGEO Corporation 1206JR-0724M Datasheet HTML 5Page - YAGEO Corporation 1206JR-0724M Datasheet HTML 6Page - YAGEO Corporation 1206JR-0724M Datasheet HTML 7Page - YAGEO Corporation 1206JR-0724M Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Chip Resistor Surface Mount
Product specification
3
8
SERIES
0805/1206 (RoHS Compliant)
RC-High ohmic
www.yageo.com
Dec 31, 2008 V.0
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
12NC CODE
2350
XXX XXXXX L
(1)
(2)
(3)
(4)
PAPER/PE TAPE ON REEL (units) (2)
SIZE TYPE START
IN (1)
TOL.
(%)
RESISTANCE RANGE
5,000
0805 HRC11 2350
±5% 24 MΩ ≦ R < 99 MΩ
521 10xxx
2350
±5% R=100 MΩ
521 91001
1206 HRC01 2350
±5% 24 MΩ ≦ R < 99 MΩ
520 10xxx
2350
±5% R=100 MΩ
520 91001
Resistance decade (3)
Last digit
0.01 to 0.0976 X
0
0.1 to 0.976 X
7
1 to 9.76 X
8
10 to 97.6 X
9
100 to 976 X
1
1 to 9.76 KX
2
10 to 97.6 KX
3
100 to 976 KX
4
1 to 9.76 MX
5
10 to 97.6 MX
6
Example:
0.02 X =
0200 or 200
0.3 X
=
3007 or 307
1 X
=
1008 or 108
33 KX
=
3303 or 333
10 MX =
1006 or 106
Last digit of 12NC
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process"
2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART NUMBER / 12NC can be added
(both are on customer request)
(1) The resistors have a 12-digit ordering code starting with 2350.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and packaging.
(In 12NC code, only 07'' tape reel code is supplied. Supply of 10''/13'' tape
reel is requested in Global part number ordering code.)
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of “Last digit
of 12NC”.
(4) "L" is optional symbol (Note).
ORDERING EXAMPLE
The ordering code of a RC0805 chip resistor, value 30 MX with ±5% tolerance,
supplied in tape of 5,000 units per reel is: 235052110306(L) or RC0805JR-
0730M(L).


Similar Part No. - 1206JR-0724M

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1206J100JA11A AVX-1206J100JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206J100JA13A AVX-1206J100JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206J100JA19A AVX-1206J100JA19A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206J100JAT1A AVX-1206J100JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206J100JAT3A AVX-1206J100JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1206JR-0724M

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
442941 YAGEO-442941 Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-071KL YAGEO-RC0805JR-071KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-0727KL YAGEO-RC0805JR-0727KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07470KL YAGEO-RC0805JR-07470KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07330RL YAGEO-RC0805JR-07330RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-0747KL YAGEO-RC0805JR-0747KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series 20%, 10%, 5% sizes 0805/1206 RoHS compliant
logo
WALSIN TECHNOLOGY CORPO...
WW08P WALSIN-WW08P Datasheet
239Kb / 7P
   High Power Low Ohmic Chip Resistors
logo
YAGEO Corporation
RL0805FR-7W0R022L YAGEO-RL0805FR-7W0R022L Datasheet
439Kb / 8P
   LOW OHMIC HIGH POWER CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com