Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0048BA02645S Datasheet(PDF) 3 Page - API Technologies Corp

Part # SF0048BA02645S
Description  48 MHz SAW Filter 3.5 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0048BA02645S Datasheet(HTML) 3 Page - API Technologies Corp

  SF0048BA02645S Datasheet HTML 1Page - API Technologies Corp SF0048BA02645S Datasheet HTML 2Page - API Technologies Corp SF0048BA02645S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
48 MHz SAW Filter
3.5 MHz Bandwidth
Part Number SF0048BA02645S
Spectrum Microwave, Inc.
400 Nickerson Road, Marlborough, MA 01752, USA
Phone 508-251-6400
Fax 508-251-6401
www.SpectrumMicrowave.com
DSSF0048BA02645S Rev X3 10-Feb-11
Page 3 of 3
PACKAGE OUTLINE
SUGGESTED FOOTPRINT
Package Material:
Body: Al
2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 m min,
over a 1.3-8.9 m Ni plating
Units: mm
Tolerances are typically
±0.15 mm
except where indicated.
Pad Configuration:
Balanced Input : 11,12
Balanced Output : 5,6
Ground: All other pads
SMI
BA02645S
∆ YYDDD
ISO 9001
Registered
Date code (YY=year, DDD=day)
Pad 1 identifier
All specifications are believed to be accurate and reliable. However, Spectrum Microwave reserves the right to make changes without notice.
© 2011 All rights reserved.


Similar Part No. - SF0048BA02645S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0048BA02644S APITECH-SF0048BA02644S Datasheet
186Kb / 3P
   48 MHz SAW Filter 10 MHz Bandwidth
More results

Similar Description - SF0048BA02645S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1575BA02534S APITECH-SF1575BA02534S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 48 MHz Bandwidth
SF0048BA02644S APITECH-SF0048BA02644S Datasheet
186Kb / 3P
   48 MHz SAW Filter 10 MHz Bandwidth
SF0048BA02455S APITECH-SF0048BA02455S Datasheet
149Kb / 3P
   48 MHz SAW Filter 8 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1575BA02534S SPECTRUM-SF1575BA02534S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 48 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03052S APITECH-SF0070BA03052S Datasheet
257Kb / 2P
   70 MHz Filter 3.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03052S ICST-SF0070BA03052S Datasheet
256Kb / 2P
   70 MHz Filter 3.5 MHz Bandwidth
SF0070CF51549T ICST-SF0070CF51549T Datasheet
197Kb / 2P
   70.0 MHz Filter 3.5 MHz Bandwidth
logo
API Technologies Corp
SF0070CF51549T APITECH-SF0070CF51549T Datasheet
201Kb / 2P
   70.0 MHz Filter 3.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
   240 MHz SAW Filter 1.23 MHz Bandwidth
logo
API Technologies Corp
SF0140BA02359T APITECH-SF0140BA02359T Datasheet
141Kb / 3P
   140 MHz SAW Filter 4.7 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com