Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV750BL-25SC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATV750BL-25SC
Description  High-Speed UV-Erasable Programmable Logic Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV750BL-25SC Datasheet(HTML) 2 Page - ATMEL Corporation

  ATV750BL-25SC Datasheet HTML 1Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 2Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 3Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 4Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 5Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 6Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 7Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 8Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ATV750B
2
Each of the ATV750B’s 22 logic pins can be used as an
input. Ten of these can be used as inputs, outputs or bi-
directional I/O pins. Each flip-flop is individually config-
urable as either D- or T-type. Each flip-flop output is fed
back into the array independently. This allows burying of all
the sum terms and flip-flops.
There are 171 total product terms available. A variable for-
mat is used to assign between four to eight product terms
per sum term. There are two sum terms per output, provid-
ing added flexibility. Much more logic can be replaced by
this device than by any other 24-pin PLD. With 20 sum
terms and flip-flops, complex state machines are easily
implemented with logic to spare.
Product terms provide individual clocks and asynchronous
resets for each flip-flop. Each flip-flop may also be individu-
ally configured to have direct input pin controlled clocking.
Each output has its own enable product term. One product
term provides a common synchronous preset for all flip-
flops. Register preload functions are provided to simplify
testing. All registers automatically reset upon power up.
The ATV750BL is a low power device with speeds as fast
as 15 ns. The ATV750BL provides the optimum low power
PLD solution, with full CMOS output levels. This device sig-
nificantly reduces total system power, thereby allowing bat-
tery-powered operation.
Logic Options
Combinatorial Output
Registered Output
Abosute Maximum Rating*
Temperature Under Bias ................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1.
Minimum voltage is -0.6V DC which may under-
shoot to -2.0V for pulses of less than 20 ns.Maxi-
mum output pin voltage is V
CC + 0.75V DC which
may overshoot to +7.0V for pulses of less than 20
ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
Integrated UV Erase Dose..............................7258 Wsec/cm2
Combined Terms
Separate Terms
Combined Terms
Separate Terms


Similar Part No. - ATV750BL-25SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20DM ATMEL-ATV750-20DM Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20DM/883 ATMEL-ATV750-20DM/883 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20GM ATMEL-ATV750-20GM Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20GM/883 ATMEL-ATV750-20GM/883 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
More results

Similar Description - ATV750BL-25SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com