Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV750BL-25SC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATV750BL-25SC
Description  High-Speed UV-Erasable Programmable Logic Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV750BL-25SC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATV750BL-25SC Datasheet HTML 6Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 7Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 8Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 9Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 10Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 11Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 12Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 13Page - ATMEL Corporation ATV750BL-25SC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ATV750B
10
Using the ATV750B’s Many Advanced
Features
The ATV750B’s advanced flexibility packs more usable
gates into 24-pins than any other logic device. The
ATV750Bs start with the popular 22V10 architecture, and
add several enhanced features:
• Selectable D- and T-Type Registers -
Each ATV750B flip-flop can be individually configured as
either D- or T-type. Using the T-type configuration, JK
and SR flip-flops are also easily created. These options
allow more efficient product term usage.
• Selectable Asynchronous Clocks -
Each of the ATV750B’s flip-flops may be clocked by its
own clock product term or directly from Pin 1 (SMD Lead
2). This removes the constraint that all registers must
use the same clock. Buried state machines, counters
and registers can all coexist in one device while running
on separate clocks. Individual flip-flop clock source
selection further allows mixing higher performance pin
clocking and flexible product term clocking within one
design.
• A Full Bank of Ten More Registers -
The ATV750B provides two flip-flops per output logic cell
for a total of 20. Each register has its own sum term, its
own reset term and its own clock term.
• Independent I/O Pin and Feedback Paths -
Each I/O pin on the ATV750B has a dedicated input path.
Each of the 20 registers has its own feedback terms into
the array as well. This feature, combined with individual
product terms for each I/O’s output enable, facilitates
true bi-directional I/O design.
Programming Software Support
As with all other Atmel PLDs, several third party develop-
ment software products support the ATV750Bs. Several
third party programmers support the ATV750B as well.
Additionally, the ATV750B may be programmed to perform
the ATV750/L’s functional subset (no T-type flip-flops or pin
clocking) using the ATV750/L JEDEC file. In this case, the
ATV750B becomes a direct replacement or speed upgrade
for the ATV750/L. The ATV750/L programming algorithm is
different from the ATV750B algorithm. Choose the appro-
priate device in your programmer menu to ensure proper
programming. Please refer to the
Programmable Logic
Development Tools section for a complete PLD software
and programmer listing.
Synchronous Preset and
Asynchronous Reset
One synchronous preset line is provided for all 20 registers
in the ATV750B. The appropriate input signals to cause the
internal clocks to go to a high state must be received during
a synchronous preset. Appropriate setup and hold times
must be met, as shown in the switching waveform diagram.
An individual asynchronous reset line is provided for each
of the 20 flip-flops. Both master and slave halves of the flip-
flops are reset when the input signals received force the
internal resets high.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATV750B fuse patterns. Once the security fuse is
programmed, all fuses will appear programmed during ver-
ify.
The security fuse should be programmed last, as its effect
is immediate.
Erasure Characteristics
The entire memory array of an ATV750B is erased after
exposure to ultraviolet light at a wavelength of 2537 Å.
Complete erasure is assured after a minimum of 20 min-
utes exposure using 12,000
µW/cm2 intensity lamps
spaced one inch away from the chip. Minimum erase time
for lamps at other intensity ratings can be calculated from
the minimum integrated erasure dose of 15 Wsec/cm
2. To
prevent unintentional erasure, an opaque label is recom-
mended to cover the clear window on any UV erasable
PLD which will be subjected to continuous fluorescent
indoor lighting or sunlight.
Atmel CMOS PLDs
The ATV750B utilizes an advanced 0.65-micron CMOS
EPROM technology. This technology’s state of the art fea-
tures are the optimum combination for PLDs:
• CMOS technology provides high speed, low power, and
high noise immunity.
• EPROM technology is the most cost effective method for
producing
PLDs
-
surpassing
bipolar
fusible
link
technology in low cost, while providing the necessary
reprogrammability.
• EPROM reprogrammability, which is 100% tested before
shipment, provides inherently better programmability and
reliability than one-time fusible PLDs.


Similar Part No. - ATV750BL-25SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20DM ATMEL-ATV750-20DM Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20DM/883 ATMEL-ATV750-20DM/883 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20GM ATMEL-ATV750-20GM Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20GM/883 ATMEL-ATV750-20GM/883 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
More results

Similar Description - ATV750BL-25SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com