Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNPW0402RBHTA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TNPW0402RBHTA
Description  High Stability Thin Film Chip Resistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW0402RBHTA Datasheet(HTML) 6 Page - Vishay Siliconix

  TNPW0402RBHTA Datasheet HTML 1Page - Vishay Siliconix TNPW0402RBHTA Datasheet HTML 2Page - Vishay Siliconix TNPW0402RBHTA Datasheet HTML 3Page - Vishay Siliconix TNPW0402RBHTA Datasheet HTML 4Page - Vishay Siliconix TNPW0402RBHTA Datasheet HTML 5Page - Vishay Siliconix TNPW0402RBHTA Datasheet HTML 6Page - Vishay Siliconix TNPW0402RBHTA Datasheet HTML 7Page - Vishay Siliconix TNPW0402RBHTA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: 31006
For technical questions contact: ff3aresistors@vishay.com
www.vishay.com
Revision: 06-Jul-06
71
TNPW
High Stability Thin Film Chip Resistor
≤ 0.05 % (1000 h rated power at 70 °C)
Vishay
3K
1K
100
10
10R
100R
1K
10K
100K
Single-Pulse High Voltage Overload Test
1.2/50 µs EN140000 4.27
Resistance Value in
Ω
TNPW0805
TNPW0603
3K
1K
100
10
10R
100R
1K
10K
100K
Single-Pulse High Voltage Overload Test
10/700 µs EN140000 4.27
Resistance Value in
Ω
TNPW0805
TNPW0603
100
10
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
110
Square Pulse t
i in s
Pulse Rating P
> 0
Secondary conditions:
a) P
> 0 (peak pulse, single pulse)
b)
ϑu ≤ 70 °C
c) Ûmaxsee diagram (Max pulse voltage)
TNPW0805
TNPW0603
100
10
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
110
Square Pulse t
i in s
Pulse Rating P
≤ P
70
Secondary conditions:
a) P
≤ P70 (permissible constant power at ϑu = 70 °C)
b)
ϑu ≤ 70 °C
c) Ûmaxsee diagram (Max. pulse voltage)
TNPW0805
TNPW0603
500
300
400
200
100
0
Square Pulse t
i
in s
Maximum Pulse Voltage
10-5
10-4
10-3
10-2
10-1
110
Secondary conditions:
a) P see diagram (Pulse Rating)
b)
ϑu ≤ 70 °C
TNPW0805
TNPW0603


Similar Part No. - TNPW0402RBHTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW0402RK32BEEA VISHAY-TNPW0402RK32BEEA Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402RK32BEEA0H VISHAY-TNPW0402RK32BEEA0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402RK32BEEC VISHAY-TNPW0402RK32BEEC Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402RK32BEEC0H VISHAY-TNPW0402RK32BEEC0H Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW0402RK32BEED VISHAY-TNPW0402RK32BEED Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
More results

Similar Description - TNPW0402RBHTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com