Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJC107K002RNJV Datasheet(PDF) 1 Page - AVX Corporation

Part # TAJC107K002RNJV
Description  Low Profile
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC107K002RNJV Datasheet(HTML) 1 Page - AVX Corporation

  TAJC107K002RNJV Datasheet HTML 1Page - AVX Corporation TAJC107K002RNJV Datasheet HTML 2Page - AVX Corporation TAJC107K002RNJV Datasheet HTML 3Page - AVX Corporation TAJC107K002RNJV Datasheet HTML 4Page - AVX Corporation TAJC107K002RNJV Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
26
107
Capacitance Code
pF code: 1st two
digits represent
significant figures
3rd digit represents
multiplier (number of
zeros to follow)
M
Tolerance
K=±10%
M=±20%
010
Rated DC Voltage
002=2.5Vdc
004=4Vdc
006=6.3Vdc
010=10Vdc
016=16Vdc
020=20Vdc
025=25Vdc
035=35Vdc
050=50Vdc
R
Packaging
R = 7" T/R
(Lead Free since
production date 1/1/04)
S = 13" T/R
(Lead Free since
production date 1/1/04)
A = Gold Plating
7" Reel
B = Gold Plating
13" Reel
TAJ Series
Low Profile
• General purpose SMT chip tantalum series
• CV range: 0.10-1000μF / 2.5-50V
• 9 case sizes in low profile option available
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20 (0.008)
W+0.20 (0.008)
H Max.
W
1±0.20
A+0.30 (0.012)
S Min.
Code
Metric
-0.10 (0.004)
(0.008)
-0.20 (0.008)
F
2312
6032-20
6.00 (0.236)
3.20 (0.126)
2.00 (0.079) 2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
K
1206
3216-10
3.20 (0.126)
1.60 (0.063)
1.00 (0.039) 1.20 (0.047)
0.80 (0.031)
0.40 (0.016)
P
0805
2012-15
2.05 (0.081)
1.35 (0.053)
1.50 (0.059)
1.0 ±0.1
0.50 (0.020)
0.85 (0.033)
(0.039±0.004)
R
0805
2012-12
2.05 (0.081)
1.30 (0.051)
1.20 (0.047)
1.0 ±0.1
0.50 (0.020)
0.85 (0.033)
(0.039±0.004)
S
1206
3216-12
3.20 (0.126)
1.60 (0.063)
1.20 (0.047) 1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
T
1210
3528-12
3.50 (0.138)
2.80 (0.110)
1.20 (0.047) 2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
W
2312
6032-15
6.00 (0.236)
3.20 (0.126)
1.50 (0.059) 2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
X
2917
7343-15
7.30 (0.287)
4.30 (0.169)
1.50 (0.059) 2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
Y
2917
7343-20
7.30 (0.287)
4.30 (0.169)
2.00 (0.079) 2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.10 μF to 1000 μF
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (VR)
+85°C:
2.5
4
6.3
10
16
20
25
35
50
Category Voltage (VC)
+125°C:
1.7
2.7
4
7
10
13
17
23
33
Surge Voltage (VS)
+85°C:
3.3
5.2
8
13
20
26
32
46
65
Surge Voltage (VS)
+125°C:
2.2
3.4
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance,
60% confidence level
Termination Finished:
Sn Plating (standard), Gold and SnPb Plating upon request
Meets requirements of AEC-Q200
TECHNICAL SPECIFICATIONS
HOW TO ORDER
For part marking see page 132
LEAD-FREE COMPATIBLE
COMPONENT
NJ
Specification
Suffix
NJ = Standard
Suffix
Additional
characters may be
added for special
requirements
V = Dry pack Option
(selected codes only)
TAJ
Type
C
Case Size
See table
above


Similar Part No. - TAJC107K002RNJV

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC107K002RNJV AVX-TAJC107K002RNJV Datasheet
120Kb / 5P
   TAJ Series
More results

Similar Description - TAJC107K002RNJV

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-Q170B AAEON-EMB-Q170B Datasheet
280Kb / 2P
   low profile
logo
ECS, Inc.
ECS-TXO-2520 ECS-ECS-TXO-2520 Datasheet
591Kb / 2P
   Low Profile
logo
Oscilent Corporation
650-450.0M OSCILENT-650-450.0M Datasheet
139Kb / 2P
   Low Profile
logo
AVX Corporation
TAJY476K025RNJ AVX-TAJY476K025RNJ Datasheet
121Kb / 5P
   Low Profile
logo
Oscilent Corporation
620 OSCILENT-620 Datasheet
146Kb / 2P
   Low Profile
logo
AVX Corporation
TAJV107K025RNJ AVX-TAJV107K025RNJ Datasheet
115Kb / 5P
   Low Profile
logo
Oscilent Corporation
650 OSCILENT-650 Datasheet
139Kb / 2P
   Low Profile
logo
Everlight Electronics C...
EALP03SXBYA0-AM EVERLIGHT-EALP03SXBYA0-AM Datasheet
550Kb / 15P
   Low profile.
logo
AVX Corporation
NOJ-LP AVX-NOJ-LP Datasheet
258Kb / 4P
   Low Profile
logo
Taoglas antenna solutio...
CA.50 TAOGLAS-CA.50 Datasheet
1Mb / 19P
   Low profile
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com