Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACM1602W Datasheet(PDF) 4 Page - AZ Displays

Part # ACM1602W
Description  ACM1602W SERIES LCD MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM1602W Datasheet(HTML) 4 Page - AZ Displays

  ACM1602W Datasheet HTML 1Page - AZ Displays ACM1602W Datasheet HTML 2Page - AZ Displays ACM1602W Datasheet HTML 3Page - AZ Displays ACM1602W Datasheet HTML 4Page - AZ Displays ACM1602W Datasheet HTML 5Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AZ DISPLAYS, INC.
4
6/5/97
ACM1602W SERIES LCD MODULE
8.0 TIMING CHARACTERISTICS (KS0066 Controller)
Item
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Enable cycle time
tCYC
Fig. a, Fig. b
500
-
-
ns
Enable pulse width
PWEH
Fig. a, Fig. b
220
-
-
ns
Enable rise/fall time
tEr , tEf
Fig. a, Fig. b
-
-
25
ns
RS, R/W set up time
tAS
Fig. a, Fig. b
40
-
-
ns
RS, R/W hold time
tH1
Fig. a, Fig. b
10
-
-
ns
Data set up time
tDSW
Fig. a
60
-
-
ns
Data hold time
tH2
Fig. a
10
-
-
ns
Data delay time
tDDR
Fig. b
-
-
120
ns
Data hold time
tH2
Fig. b
20
-
-
ns
0.6V -
0.6V -
2.2V -
DDR
- 0.6V
- 2.2V
Fig. b Interface timing (data read)
t
RS
R/W
E
DB0-DB7
RS
R/W
E
DB0-DB7
- 2.2V
- 0.6V
- 2.2V
- 0.6V
- 0.6V
- 2.2V
Ef
t
2.2V -
- 0.6V
2.2V -
EH
PW
AS
Er
t
0.6V -
- 2.2V
t
Fig. a Interface timing (data write)
Valid Data
Valid Data
CYC
t
- 0.6V
t AS
EH
PW
0.6V -
Er
t
- 2.2V
- 0.6V
- 2.2V
CYC
t
2.2V -
0.6V -
H1
t
H1
t
H2
t
0.6V -
H1
2.2V -
t
0.6V -
H1
t
t H2
Ef
t
2.2V -
DSW
t
0.6V -
2.2V -
- 0.6V


Similar Part No. - ACM1602W

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602 AZDISPLAYS-ACM1602 Datasheet
74Kb / 5P
   ACM1602A SERIES LCD MODULE
ACM1602A AZDISPLAYS-ACM1602A Datasheet
74Kb / 5P
   ACM1602A SERIES LCD MODULE
ACM1602B AZDISPLAYS-ACM1602B Datasheet
285Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
ACM1602B ZETTLER-ACM1602B Datasheet
603Kb / 12P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ACM1602BW AZDISPLAYS-ACM1602BW Datasheet
424Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ACM1602W

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM4004D AZDISPLAYS-ACM4004D Datasheet
112Kb / 5P
   ACM4004D SERIES LCD MODULE
AGM6448V AZDISPLAYS-AGM6448V Datasheet
254Kb / 8P
   AGM6448V Series LCD Module
ACM1602M AZDISPLAYS-ACM1602M Datasheet
71Kb / 5P
   ACM1602M SERIES LCD MODULE
ACM2002C AZDISPLAYS-ACM2002C Datasheet
73Kb / 5P
   ACM2002C SERIES LCD MODULE
ACM1601B AZDISPLAYS-ACM1601B Datasheet
69Kb / 5P
   ACM1601B SERIES LCD MODULE
ACM2402B AZDISPLAYS-ACM2402B Datasheet
73Kb / 5P
   ACM2402B SERIES LCD MODULE
ACM1601D AZDISPLAYS-ACM1601D Datasheet
74Kb / 5P
   ACM1601D SERIES LCD MODULE
ACM1602L AZDISPLAYS-ACM1602L Datasheet
79Kb / 5P
   ACM1602L SERIES LCD MODULE
ACM1602R AZDISPLAYS-ACM1602R Datasheet
101Kb / 5P
   ACM1602R SERIES LCD MODULE
ACM2002P AZDISPLAYS-ACM2002P Datasheet
61Kb / 5P
   ACM2002P SERIES LCD MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com