Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0070BA03060S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0070BA03060S
Description  70.0 MHz Low-Loss Filter 14.0 MHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0070BA03060S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0070BA03060S Datasheet HTML 1Page - API Technologies Corp SF0070BA03060S Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70.0 MHz Low-Loss Filter
14.0 MHz Bandwidth
Part Number SF0070BA03060S
Micro Networks., 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Rev 4.0 9-Mar-04
Page 1 of 2
Parameter
Min.
Typ.
Max.
Units.
Center Frequency ( Fc)
1
69.8
70.0
70.2
MHz
Insertion Loss
13.0
13.5
dB
1 dB Bandwidth
2
13.4
13.9
MHz
3 dB Bandwidth
2
14.0
15.0
MHz
40 dB Bandwidth
2
18.8
20.25
MHz
Passband Amplitude Ripple
3
0.6
1.0
dB p-p
Passband Phase Ripple
3
5.0
11.5
deg p-p
Group Delay Ripple
3
70
90
ns p-p
Absolute Delay
1.05
us
Ultimate Rejection
40
45
dB
Substrate Material
YZ Lithium Niobate
Temperature Coefficient
-90
ppm/º C
Ambient Temperature
25
º C
Notes:
1: Mean Value of 3 dB points.
2: Relative to Insertion Loss
3. Measured over 80% of min. 3 dB Bandwidth
TYPICAL PERFORMANCE
Horizontal: 4.0 MHz/div
Vertical (from top):
Magnitude
10 dB/div
Magnitude
1 dB/div
Group Delay
100 ns/div
SPECIFICATION


Similar Part No. - SF0070BA03060S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA03060S ICST-SF0070BA03060S Datasheet
64Kb / 2P
   70.0 MHz Low-Loss Filter 14.0 MHz Bandwidth
More results

Similar Description - SF0070BA03060S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA03060S ICST-SF0070BA03060S Datasheet
64Kb / 2P
   70.0 MHz Low-Loss Filter 14.0 MHz Bandwidth
logo
Transko Electronics, In...
TA07014AD1 TRANSKO-TA07014AD1 Datasheet
623Kb / 4P
   70.0 MHz IF SAW Filter / 14.0 MHz Bandwidth
Revision 0: 27 Dec. 2007
logo
API Technologies Corp
SF0070BA03056S APITECH-SF0070BA03056S Datasheet
178Kb / 2P
   70.0 MHz Low-Loss Filter 6.0 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03056S ICST-SF0070BA03056S Datasheet
174Kb / 2P
   70.0 MHz Low-Loss Filter 6.0 MHz Bandwidth Part Number SF0070BA03056S
logo
API Technologies Corp
SF0070CF51549T APITECH-SF0070CF51549T Datasheet
201Kb / 2P
   70.0 MHz Filter 3.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51549T ICST-SF0070CF51549T Datasheet
197Kb / 2P
   70.0 MHz Filter 3.5 MHz Bandwidth
logo
Oscilent Corporation
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
   70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
813-SL70.0M-04 OSCILENT-813-SL70.0M-04_14 Datasheet
128Kb / 4P
   70.0 MHz IF SAW Filter 3.65 MHz Bandwidth
813-IF70.0M-14E OSCILENT-813-IF70.0M-14E Datasheet
220Kb / 6P
   70.0 MHz IF SAW Filter 14.80 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com