Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0070BA03089S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0070BA03089S
Description  70 MHz SAW Filter 10 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0070BA03089S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0070BA03089S Datasheet HTML 1Page - API Technologies Corp SF0070BA03089S Datasheet HTML 2Page - API Technologies Corp SF0070BA03089S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
70 MHz SAW Filter
10 MHz Bandwidth
Part Number SF0070BA03089S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0070BA03089S Rev B
16-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fref)
1
-
70.4
-
MHz
Insertion Loss
-
11.2
12.5
dB
Lower 1 dB Band Edge
-
65.1
65.4
MHz
Upper 1 dB Band Edge
75.4
75.7
-
MHz
Lower 40 dB Band Edge
62.6
63.0
-
MHz
Upper 40 dB Band Edge
-
77.7
78.2
MHz
Passband Ripple
2
-
1.1
1.5
dB p-p
Phase Linearity
2
-
8
11.5
deg p-p
Group Delay Variation
2
-
80
130
ns p-p
Absolute Delay
-
1.10
-
us
Rejection (20 to 62.6 MHz)
40
45
-
dB
Rejection (78.2 to 105 MHz)
38
41
-
dB
Source and Load Impedance
-
50
-
Temperature Coefficient of Frequency (Tc)
3
-
-90
-
ppm/˚C
Ambient Temperature (Tref)
-
25
-
°C
Notes:
1. Average of lower and upper 3 dB frequencies.
2. Evaluated over 65.4 to 75.4 MHz.
3. Typical change of filter frequency response with temperature is ∆f = (T-Tref) * Tc * Fref, in ppm
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q = 45)
Notes:
1. Recommend use of 2% tolerance matching components.
2. Component values shown are for guidance only and may change depending on board layout.
Ls1
=
820
nH
Ls2 = 1200
nH
Lp1
=
270
nH
Lp2 =
330
nH
Input
50
Single-ended
Output
50
Single-ended


Similar Part No. - SF0070BA03089S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA03027T ICST-SF0070BA03027T Datasheet
189Kb / 2P
   70 MHz Filter 2.5 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03027T APITECH-SF0070BA03027T Datasheet
173Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03028S ICST-SF0070BA03028S Datasheet
194Kb / 2P
   70 MHz Low Loss Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03028S APITECH-SF0070BA03028S Datasheet
198Kb / 2P
   70 MHz Low Loss Filter 8 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03031S ICST-SF0070BA03031S Datasheet
193Kb / 2P
   70 MHz Low Loss Filter 9 MHz Bandwidth
More results

Similar Description - SF0070BA03089S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CF51475T APITECH-SF0070CF51475T Datasheet
160Kb / 3P
   70 MHz SAW Filter 10 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070CF51475T ICST-SF0070CF51475T Datasheet
191Kb / 2P
   70 MHz Filter 10 MHz Bandwidth
logo
API Technologies Corp
SF0070CN02353S APITECH-SF0070CN02353S Datasheet
160Kb / 3P
   70 MHz SAW Filter 0.4 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0546BA03234S SPECTRUM-SF0546BA03234S Datasheet
161Kb / 3P
   546 MHz SAW Filter 70 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03050S APITECH-SF0070BA03050S Datasheet
143Kb / 3P
   70 MHz SAW Filter 2.5 MHz Bandwidth
SF0546BA03234S APITECH-SF0546BA03234S Datasheet
161Kb / 3P
   546 MHz SAW Filter 70 MHz Bandwidth
SF0070BA13048S APITECH-SF0070BA13048S Datasheet
183Kb / 3P
   70 MHz SAW Filter 1.5 MHz Bandwidth
SF0070CF51556T APITECH-SF0070CF51556T Datasheet
139Kb / 3P
   70 MHz SAW Filter 7 MHz Bandwidth
SF0070BA03039S APITECH-SF0070BA03039S Datasheet
150Kb / 3P
   70 MHz SAW Filter 20 MHz bandwidth
SF0070CD03096T APITECH-SF0070CD03096T Datasheet
177Kb / 3P
   70 MHz SAW Filter 0.75 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com