Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3525ADW Datasheet(PDF) 5 Page - Motorola, Inc

Part # SG3525ADW
Description  PULSE WIDTH MODULATOR CONTROL CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SG3525ADW Datasheet(HTML) 5 Page - Motorola, Inc

  SG3525ADW Datasheet HTML 1Page - Motorola, Inc SG3525ADW Datasheet HTML 2Page - Motorola, Inc SG3525ADW Datasheet HTML 3Page - Motorola, Inc SG3525ADW Datasheet HTML 4Page - Motorola, Inc SG3525ADW Datasheet HTML 5Page - Motorola, Inc SG3525ADW Datasheet HTML 6Page - Motorola, Inc SG3525ADW Datasheet HTML 7Page - Motorola, Inc SG3525ADW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SG3525A SG3527A
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Oscillator Charge Time versus RT
Figure 2. Oscillator Discharge Time versus RD
Figure 3. Error Amplifier Open Loop
Frequency Response
Figure 4. Output Saturation
Characteristics (SG3525A)
2.0
5.0 10
20
50
100 200 500 1000 2000 5000 10,000
CHARGE TIME (
µs)
6
57
RD *
CT
RT
* RD = 0 Ω
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
DISCHARGE TIME (
µs)
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
1
2
9
CP
RZ
f, FREQUENCY (Hz)
+
RZ = 20 k
Vref
RT
CT
Sync
Discharge
Gnd
16
6
5
3
7
12
Q2
Q1
Q6
Q9
2.0k
2.0k
14k
Q10
Q11
5.0pF
400
µA
23k
Q4
Q7
1.0k
Q12
Q13
3.0k
250
4
Blanking
To Output
Ramp
To PWM
Q14
25k
7.4k
Q5
Q8
Q3
OSC Output
1.0k
15
Q3
VCC
9
30
Compensation
1
2
Q4
Q1
Q2
Inverting
Input
5.8V
100
µA
To PWM
Comparator
200
µA
Noninverting
Input
Figure 5. Oscillator Schematic (SG3525A)
0.01
0.02 0.03
0.05 0.07 0.1
0.2
0.3
0.5 0.7 1.0
IO, OUTPUT SOURCE OR SINK CURRENT (A)
Sink Sat, (VOL)
Source Sat, (VC–VOH)
VCC = +20 V
TJ = +25°C
Figure 6. Error Amplifier Schematic (SG3525A)
200
100
50
20
10
5.0
2.0
500
400
300
200
100
0
100
80
60
40
20
0
–20
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0


Similar Part No. - SG3525ADW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3525ADW MICROSEMI-SG3525ADW Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
logo
ON Semiconductor
SG3525ADW ONSEMI-SG3525ADW Datasheet
145Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
Microsemi Corporation
SG3525ADW MICROSEMI-SG3525ADW Datasheet
241Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
logo
ON Semiconductor
SG3525ADW ONSEMI-SG3525ADW Datasheet
146Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
SG3525ADWG ONSEMI-SG3525ADWG Datasheet
145Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
More results

Similar Description - SG3525ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A Datasheet
205Kb / 8P
   PULSE WIDTH MODULATOR CONTROL CIRCUITS
1996 REV 2
SG3525A ONSEMI-SG3525A_05 Datasheet
145Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
SG3525A ONSEMI-SG3525A_09 Datasheet
146Kb / 10P
   Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com