Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB15CKW01-5F-FB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HB15CKW01-5F-FB
Description  Subminiature Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HB15CKW01-5F-FB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HB15CKW01-5F-FB Datasheet HTML 1Page - List of Unclassifed Manufacturers HB15CKW01-5F-FB Datasheet HTML 2Page - List of Unclassifed Manufacturers HB15CKW01-5F-FB Datasheet HTML 3Page - List of Unclassifed Manufacturers HB15CKW01-5F-FB Datasheet HTML 4Page - List of Unclassifed Manufacturers HB15CKW01-5F-FB Datasheet HTML 5Page - List of Unclassifed Manufacturers HB15CKW01-5F-FB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series HB
Subminiature Pushbuttons
www.nkk.com
D15
D
SHAPES & PANEL CUTOUT
HOUSING
CONTACT MATERIALS, RATINGS, & TERMINALS
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Notes:
Switch is marked with NO, NC, C, L.
LED circuit is isolated and requires
external power source.
SP
HB15
*HB16
ON
ON
(ON)
ON
1-3
1-2
SPDT
S
.354” (9.0mm) Square
The bezel is an integral
part of the switch body.
.354” (9.0mm) Round
Panel Cutout & Mounting
Recommended Panel Thickness:
.020 ~ .197” (0.5 ~ 5.0mm)
Silver Contacts
Power Level
0.1A maximum @ 30V AC/DC
W01
K
Housing available in black only.
C
* When in latchdown position for the alternate circuit, cap position is .051” (1.3mm) above the built-in bezel.
POLES & CIRCUITS
1
32
(COM)
(+)
(-)
The bezel is an integral
part of the switch body.
(8.0) Dia
.315
Overtightening the mounting nut AT073
may damage the switch housing.
(5.0)
.197
(1.8)
.071
(1.0)
.039
(2.0)
.079
Thk = (0.3)
.012
Solder Lug
PCB Mounting
Solder lug terminals are spaced
.100” x .200” (2.54mm x 5.08mm).
This enables PCB mounting which can be
accomplished by elongating PC board
holes to .080” (2.03mm).


Similar Part No. - HB15CKW01-5F-FB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB15CKW01-5F-FB NKK-HB15CKW01-5F-FB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15CKW01-5F-FB NKK-HB15CKW01-5F-FB Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB15CKW01-5F-FB NKK-HB15CKW01-5F-FB Datasheet
177Kb / 6P
   General Specifications
More results

Similar Description - HB15CKW01-5F-FB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB Datasheet
940Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
NP0115AG03LC-JB NKK-NP0115AG03LC-JB_10 Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com