Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV750L-25JC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATV750L-25JC
Description  High Density UV Erasable Programmable Logic Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV750L-25JC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATV750L-25JC Datasheet HTML 4Page - ATMEL Corporation ATV750L-25JC Datasheet HTML 5Page - ATMEL Corporation ATV750L-25JC Datasheet HTML 6Page - ATMEL Corporation ATV750L-25JC Datasheet HTML 7Page - ATMEL Corporation ATV750L-25JC Datasheet HTML 8Page - ATMEL Corporation ATV750L-25JC Datasheet HTML 9Page - ATMEL Corporation ATV750L-25JC Datasheet HTML 10Page - ATMEL Corporation ATV750L-25JC Datasheet HTML 11Page - ATMEL Corporation ATV750L-25JC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ATV750/L
8
Preload of Registered Outputs
The ATV750's registers are provided with circuitry to allow
loading of each register asynchronously with either a high
or a low. This feature will simplify testing since any state
can be forced into the registers to control test sequencing.
A VIH level on the I/O pin will force the register high; a VIL
will force it low, independent of the output polarity. The pre-
load state is entered by placing an 10.5V to 11.5V signal on
pin 8 on DIPs, and pin 10 on SMPs. When the clock term is
pulsed high, the data on the I/O pin is placed into the regis-
ter chosen by the Select Pin.
Power-Up Reset
The registers in the ATV750(L) are designed to reset dur-
ing power up. At a point delayed slightly from V
CC crossing
3.8V, all registers will be reset to the low state. The output
state will depend on the polarity of the output buffer.
This feature is critical for state machine initialization. How-
ever, due to the asynchronous nature of reset and the
uncertainty of how V
CC actually rises in the system, the fol-
lowing conditions are required:
1.
The V
CC rise must be monotonic,
2.
After reset occurs, all input and feedback setup
times must be met before driving the clock term
high, and
3.
The signals from which the clock is derived must
remain stable during t
PR.
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Level forced on registered output pin
during PRELOAD cycle
Select
Pin State
Register #1 state
after cycle
Register#2 State
after cycle
V
IH
Low
High
X
V
IL
Low
Low
X
V
IH
High
X
High
V
IL
High
X
Low
Parameter
Description
Min
Typ
Max
Units
t
PR
Power-Up
Reset Time
600
1000
ns
Pin Capacitance
(f = 1 MHz, T = 25
°C)(1)
Typ
Max
Units
Conditions
C
IN
58
pF
V
IN = 0V
C
OUT
68
pF
V
OUT = 0V


Similar Part No. - ATV750L-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10DM/883 ATMEL-ATV750B-10DM/883 Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10JC ATMEL-ATV750B-10JC Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10JI ATMEL-ATV750B-10JI Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10LM/883 ATMEL-ATV750B-10LM/883 Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results

Similar Description - ATV750L-25JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com