Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV750BL-15JI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATV750BL-15JI
Description  High-Speed UV-Erasable Programmable Logic Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV750BL-15JI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATV750BL-15JI Datasheet HTML 5Page - ATMEL Corporation ATV750BL-15JI Datasheet HTML 6Page - ATMEL Corporation ATV750BL-15JI Datasheet HTML 7Page - ATMEL Corporation ATV750BL-15JI Datasheet HTML 8Page - ATMEL Corporation ATV750BL-15JI Datasheet HTML 9Page - ATMEL Corporation ATV750BL-15JI Datasheet HTML 10Page - ATMEL Corporation ATV750BL-15JI Datasheet HTML 11Page - ATMEL Corporation ATV750BL-15JI Datasheet HTML 12Page - ATMEL Corporation ATV750BL-15JI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ATV750B
9
Preload of Registered Outputs
The ATV750B’s registers are provided with circuitry to
allow loading of each register asynchronously with either a
high or a low. This feature will simplify testing since any
state can be forced into the registers to control test
sequencing. A VIH level on the I/O pin will force the register
high; a V
IL will force it low, independent of the output polar-
ity. The PRELOAD state is entered by placing a 10.25V to
10.75V signal on pin 8 on DIPs, and lead 10 on SMDs.
When the clock term is pulsed high, the data on the I/O
pins is placed into the register chosen by the Select Pin.
Power Up Reset
The registers in the ATV750Bs are designed to reset during
power up. At a point delayed slightly from V
CC crossing
V
RST, all registers will be reset to the low state. The output
state will depend on the polarity of the output buffer.
This feature is critical for state machine initialization. How-
ever, due to the asynchronous nature of reset and the
uncertainty of how V
CC actually rises in the system, the fol-
lowing conditions are required:
1.
The V
CC rise must be monotonic,
2.
After reset occurs, all input and feedback setup
times must be met before driving the clock terms or
pin high, and
3.
The clock pin, or signals from which clock terms are
derived, must remain stable during t
PR.
Level forced on registered
output pin during PRELOAD cycle
Select Pin State
Register #0 State after cycle
Register #1 State after cycle
V
IH
Low
High
X
V
IL
Low
Low
X
V
IH
High
X
High
V
IL
High
X
Low
Parameter
Description
Typ
Max
Units
t
PR
Power-Up Reset Time
600
1000
ns
V
RST
Power-Up Reset Voltage
3.8
4.5
V
Pin Capacitance
f = 1 MHz, T = 25°C
(1)
Typ
Max
Units
Conditions
C
IN
58
pF
V
IN = 0V
C
OUT
68
pF
V
OUT = 0V


Similar Part No. - ATV750BL-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20DM ATMEL-ATV750-20DM Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20DM/883 ATMEL-ATV750-20DM/883 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20GM ATMEL-ATV750-20GM Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20GM/883 ATMEL-ATV750-20GM/883 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
More results

Similar Description - ATV750BL-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com