Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-30660 Datasheet(PDF) 5 Page - ON Semiconductor

Part # AMIS-30660
Description  High Speed CAN Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-30660 Datasheet(HTML) 5 Page - ON Semiconductor

  AMIS-30660 Datasheet HTML 1Page - ON Semiconductor AMIS-30660 Datasheet HTML 2Page - ON Semiconductor AMIS-30660 Datasheet HTML 3Page - ON Semiconductor AMIS-30660 Datasheet HTML 4Page - ON Semiconductor AMIS-30660 Datasheet HTML 5Page - ON Semiconductor AMIS-30660 Datasheet HTML 6Page - ON Semiconductor AMIS-30660 Datasheet HTML 7Page - ON Semiconductor AMIS-30660 Datasheet HTML 8Page - ON Semiconductor AMIS-30660 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AMIS−30660
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS
Definitions
All voltages are referenced to GND (Pin 2). Positive
currents flow into the IC. Sinking current means the current
is flowing into the pin; sourcing current means the current
is flowing out of the pin.
Table 6. DC AND TIMING CHARACTERISTICS
(VCC = 4.75 V to 5.25 V; Tjunc = −40°C to +150°C; RLT = 60 W unless specified otherwise.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SUPPLY (Pin VCC)
ICC
Supply Current
Dominant; VTXD = 0 V
Recessive; VTXD = VCC
25
2
45
4
65
8
mA
ICCS
Supply Current in silent mode
VS = VCC
2
4
8
mA
TRANSMITTER DATA INPUT (Pin TxD)
VIH
High−level input voltage
Output recessive
2.0
VCC+0.3
V
VIL
Low−level input voltage
Output dominant
−0.3
+0.8
V
IIH
High−level input current
VTxD = VCC
−1
0
+1
mA
IIL
Low−level input current
VTxD = 0 V
−75
−200
−350
mA
Ci
Input capacitance
Not tested
5
10
pF
MODE SELECT (Pin S)
VIH
High−level input voltage
Silent mode
2.0
VCC+0.3
V
VIL
Low−level input voltage
High−speed mode
−0.3
+0.8
V
IIH
High−level input current
VS = 2 V
20
30
50
mA
IIL
Low−level input current
VS = 0.8 V
15
30
45
mA
RECEIVER DATA OUTPUT (Pin RxD)
VOH
High−level output voltage
IRXD = − 10 mA
0.6 x
VCC
0.75 x
VCC
V
VOL
Low−level output voltage
IRXD = 6 mA
0.25
0.45
V
REFERENCE VOLTAGE OUTPUT (Pin Vref)
VREF
Reference output voltage
−50 mA < IVREF < +50 mA
0.45 x
VCC
0.50 x
VCC
0.55 x
VCC
V
VREF_CM
Reference output voltage for full common
mode range
−35 V <VCANH< +35V;
−35 V <VCANL< +35V
0.40 x
VCC
0.50 x
VCC
0.60 x
VCC
V
BUS LINES (Pins CANH and CANL)
Vo(reces)(CANH)
Recessive bus voltage at pin CANH
VTxD = VCC; no load
2.0
2.5
3.0
V
Vo(reces)(CANL)
Recessive bus voltage at pin CANL
VTxD = VCC; no load
2.0
2.5
3.0
V
Io(reces) (CANH)
Recessive output current at pin CANH
−35 V < VCANH < +35 V;
0 V <VCC < 5.25 V
−2.5
+2.5
mA
Io(reces) (CANL)
Recessive output current at pin CANL
−35 V < VCANL < +35 V;
0V <VCC < 5.25 V
−2.5
+2.5
mA
Vo(dom) (CANH)
Dominant output voltage at pin CANH
VTxD = 0 V
3.0
3.6
4.25
V
Vo(dom) (CANL)
Dominant output voltage at pin CANL
VTxD = 0 V
0. 5
1.4
1.75
V
Vo(dif) (bus)
Differential bus output voltage
(VCANH − VCANL)
VTxD = 0 V; dominant;
42.5 W < RLT < 60 W
1.5
2.25
3.0
V
VTxD = VCC; recessive;
No load
−120
0
+50
mV
Io(sc) (CANH)
Short circuit output current at pin CANH
VCANH = 0 V; VTxD = 0 V
−45
−70
−95
mA
Io(sc) (CANL)
Short circuit output current at pin CANL
V CANL = 36V; VTxD = 0V
45
70
120
mA


Similar Part No. - AMIS-30660

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-30660 AMI-AMIS-30660 Datasheet
641Kb / 11P
   High Speed CAN Transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
AMIS-30660 ONSEMI-AMIS-30660_14 Datasheet
141Kb / 10P
   High Speed CAN Transceiver
August, 2012 ??Rev. 10
More results

Similar Description - AMIS-30660

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com