Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6201P601MR-G Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6201P601MR-G
Description  Positive Voltage Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P601MR-G Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6201P601MR-G Datasheet HTML 3Page - Torex Semiconductor XC6201P601MR-G Datasheet HTML 4Page - Torex Semiconductor XC6201P601MR-G Datasheet HTML 5Page - Torex Semiconductor XC6201P601MR-G Datasheet HTML 6Page - Torex Semiconductor XC6201P601MR-G Datasheet HTML 7Page - Torex Semiconductor XC6201P601MR-G Datasheet HTML 8Page - Torex Semiconductor XC6201P601MR-G Datasheet HTML 9Page - Torex Semiconductor XC6201P601MR-G Datasheet HTML 10Page - Torex Semiconductor XC6201P601MR-G Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/24
XC6201
Series
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded. When a voltage higher than the VIN flows to the VOUT like when using two power supplies, please connect a
Schottky barrier diode between the VOUT and the VIN and do not exceed the VOUT rating.
2. An oscillation may occur by the impedance between a power supply and the input of the IC. Where the impedance is 10Ω
or more, please use an input capacitor (CIN) of at least 1μF. In case of high output current, operation can be stabilized by
increasing the input capacitor value. Also an oscillation may occur if the input capacitor value is smaller than the input
impedance when the output capacitance (CL) is large. In such cases, operations can be stabilized by either increasing the
input capacitor value or reducing the output capacitor value.
3. Please ensure that output current (IOUT) is less than Pd / (VIN - VOUT) and do not exceed the rated power dissipation value
(Pd) of the package.
Circuit ① : Supply Current
TEST CIRCUITS
Circuit ② : Output Voltage, Oscillation, Line Regulation, Dropout Voltage, Load Regulation
NOTE ON USE


Similar Part No. - XC6201P601MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P601MR-G TOREX-XC6201P601MR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201P601MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com