Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISC15ANP4 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ISC15ANP4
Description  Organic LED technology; now with 30,000 hours life and 30% less power consumption
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISC15ANP4 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ISC15ANP4 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 2Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISC15ANP4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OLED SMARTSWITCHTM
NKK Switches • email: smartswitch@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkksmartswitch.com
6
PRECAUTIONS FOR HANDLING & STORAGE OF OLED DEVICES
Handling
1. The IS Series OLED devices are electrostatic sensitive. To avoid damage to IC, do not touch terminals unless
properly isolated from static electricity.
2. Signal input under conditions not recommended may cause damage to the OLED unit or deterioration of the
display. Follow directions regarding supply sequences of power and signal voltages.
3. If the OLED panel is broken, avoid touching the contents. Wash off any contact to the skin or clothing.
4. Limit operating force to switch keytop to 100.0N maximum, as excessive pressure may damage the OLED.
5. Recommended soldering time and temperature limits:
11 seconds maximum @ 270°C maximum; avoid temperatures exceeding 80°C at the OLED.
6. The IS series OLED devices are not process sealed.
7. Pixels acquire diminished brightness over time and use, and those most frequently habituated have greater
reduction of brightness than those less used. To minimize this difference, operate OLED unit so that all pixels
are used as consistently as possible.
8. Clean cap surface with dry cloth. If further cleaning is needed, wipe with dampened cloth using
neutral cleanser and dry with clean cloth. Do not use organic solvent.
Storage
1. Store in original container and away from direct sunlight.
2. Keep away from static electricity.
3. Avoid extreme temperatures, high humidity, gaseous substances, and all forms of chemical contamination.
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES


Similar Part No. - ISC15ANP4

ManufacturerPart #DatasheetDescription
logo
GREATECS
ISC15ANP4 GREATECS-ISC15ANP4 Datasheet
2Mb / 7P
   Programmable OLED Video Switch and Display
More results

Similar Description - ISC15ANP4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST790010 E-SWITCH-ST790010 Datasheet
149Kb / 1P
   ELECTRIC LIFE: 30,000 CYCLES
ST790006 E-SWITCH-ST790006 Datasheet
146Kb / 1P
   ELECTRIC LIFE: 30,000 CYCLES
ST790000 E-SWITCH-ST790000 Datasheet
154Kb / 1P
   ELECTRIC LIFE: 30,000 CYCLES
ST790004 E-SWITCH-ST790004 Datasheet
147Kb / 1P
   ELECTRIC LIFE: 30,000 CYCLES
ST790008 E-SWITCH-ST790008 Datasheet
149Kb / 1P
   ELECTRIC LIFE: 30,000 CYCLES
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_16 Datasheet
348Kb / 5P
   Extended Life, 3000 hours
logo
United Chemi-Con, Inc.
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
logo
United Chemi-Con, Inc.
EMVJ100ADA CHEMI-CON-EMVJ100ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ6R3ADA CHEMI-CON-EMVJ6R3ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com