Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACM1602B Datasheet(PDF) 9 Page - AZ Displays

Part # ACM1602B
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM1602B Datasheet(HTML) 9 Page - AZ Displays

Back Button ACM1602B Datasheet HTML 2Page - AZ Displays ACM1602B Datasheet HTML 3Page - AZ Displays ACM1602B Datasheet HTML 4Page - AZ Displays ACM1602B Datasheet HTML 5Page - AZ Displays ACM1602B Datasheet HTML 6Page - AZ Displays ACM1602B Datasheet HTML 7Page - AZ Displays ACM1602B Datasheet HTML 8Page - AZ Displays ACM1602B Datasheet HTML 9Page - AZ Displays ACM1602B Datasheet HTML 10Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ACM1602B SERIES LCD MODULE
AZ DISPLAYS, INC.
09/17/99
8
11.0 DISPLAY INSTRUCTION TABLE
COMMAND
R
S
R/
W
DB
7
DB
6
DB
5
DB
4
DB
3
DB
2
DB
1
DB
0
DESCRIPTION
Executing
time
fosc=250khz
Clear Display
0
0
0
0
0
0
0
0
0
1
Clears Display & Returns to Address 0.
1.64ms
Cursor at
Home
0
0
0
0
0
0
0
0
1
x
Returns Cursor to Address 0. Also
returns the display being shifted to the
original position. DDRAM contents
remain unchanged.
1.64ms
Entry Mode
Set
0
0
0
0
0
0
0
1
I/D
S
I/D: Set Cursor Moving Direction
I/D=1: Increment
I/D=0: Decrement
S: Specify Shift of Display
S=1: The display is shifted
S=0: The display is not shifted
40µs
Display
ON/OFF
Control
0
0
0
0
0
0
1
D
C
B
Display D=1: Display on
D=0: Display off
Cursor C=1: Cursor on
C=0: Cursor off
Brink
B=1: Brink on
B=0: Brink off
40µs
Cursor /
Display
Shift
0
0
0
0
0
1
S/C
R/L
x
x
Moves cursor or shifts the display w/o
changing DD RAM contents
S/C=0: Cursor Shift (RAM unchanged)
S/C=1: Display Shift (RAM unchanged)
R/L=1: Shift to the Right
R/L=0: Shift to the Left
40µs
Function
Set
0
0
0
0
1
DL
N
F
x
x
Sets data bus length (DL), # of display
lines (N), and character fonts (F).
DL=1: 8 bits
F=0: 5x7 dots
DL=0: 4 bits
F=1: 5x10 dots
N=0: 1 line display
N=1: 2 lines display
40µs
Set CG RAM
Address
0
0
0
1
Character Generator (CG) RAM
Address
Sets CG RAM address. CG RAM data
is sent and received after this
instruction.
40µs
Set DD RAM
Address
0
0
1
Display Data (DD) RAM Address /
Cursor Address
Sets DD RAM address. DD Ram data
is sent and received after this
instruction.
40µs
Busy Flag /
Address Read
0
1
B
F
Address counter used for both DD &
CG RAM address
Reads Busy Flag (BF) and address
counter contents.
40µs
Write Data
1
0
Write Data
Writes data into DDRAM or CGRAM.
46µs
Read Data
1
1
Read Data
Reads data from DDRAM or CGRAM.
46µs
x: Don't Care.


Similar Part No. - ACM1602B

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
ACM1602B ZETTLER-ACM1602B Datasheet
603Kb / 12P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ACM1602BW AZDISPLAYS-ACM1602BW Datasheet
424Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ACM1602B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com