Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3T23AH-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # G3T23AH-R
Description  Process Sealed Ultra-Miniature SMT Toggles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G3T23AH-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  G3T23AH-R Datasheet HTML 1Page - List of Unclassifed Manufacturers G3T23AH-R Datasheet HTML 2Page - List of Unclassifed Manufacturers G3T23AH-R Datasheet HTML 3Page - List of Unclassifed Manufacturers G3T23AH-R Datasheet HTML 4Page - List of Unclassifed Manufacturers G3T23AH-R Datasheet HTML 5Page - List of Unclassifed Manufacturers G3T23AH-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series G3T
Process Sealed Ultra-Miniature SMT Toggles
www.nkk.com
A44
A
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Up
Center
Down
Up
Center
Down
Note: Terminal numbers are
not actually on switch.
SP
G3T12
G3T13
G3T15
G3T18
G3T19
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
5-6
OPEN
5-4
SPDT
DP
G3T22
G3T23
G3T25
G3T28
G3T29
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
5-6 2-3
OPEN
5-4 2-1
DPDT
(COM)
6
4
5
1
2
3
5 (COM)
6
4
Poles
1
SPDT
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE
(ON)
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
( ) = Momentary
Actuator
A
.150” (3.8mm)
Column Toggle
1
G3T
A
2
H
Terminals
P
Gull Wing for Upright Mount
B
Gull Wing for Upright with Bracket Mount
H
Gull Wing for Right Angle Mount
Packaging
R
Tape-Reel for
Right Angle Only
500 Pieces/Reel
S
Stick-Tube for
Upright Mount
50 Pieces/Stick
No
Code
Partitioned Tray for
Upright & Right Angle
Any Quantity
Packaging details at
end of G3T Series
ACTUATOR
.150” (3.8mm) Column Toggle
POLES & CIRCUITS
A
Gull Wing Terminals for
Right Angle Mount
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
G3T12AH
.150” (3.8mm)
Column Toggle
SPDT
ON-NONE-ON Circuit
(4.0) Dia
.157
(1.7) Dia
.067
28°
(3.8)
.150
Slot
Slot


Similar Part No. - G3T23AH-R

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G3T23AH-R NKK-G3T23AH-R Datasheet
257Kb / 6P
   Ultra-Miniature Process Sealed SMT Toggles
G3T23AH-R NKK-G3T23AH-R Datasheet
189Kb / 6P
   General Specifications
More results

Similar Description - G3T23AH-R

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G3T12AP-R NKK-G3T12AP-R Datasheet
257Kb / 6P
   Ultra-Miniature Process Sealed SMT Toggles
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
logo
Nihon Kaiheiki Industry...
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
List of Unclassifed Man...
G3B15AB ETC2-G3B15AB Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com