Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB25AV-XC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GB25AV-XC
Description  Process Sealed Ultra-Miniature Pushbuttons
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GB25AV-XC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GB25AV-XC Datasheet HTML 1Page - List of Unclassifed Manufacturers GB25AV-XC Datasheet HTML 2Page - List of Unclassifed Manufacturers GB25AV-XC Datasheet HTML 3Page - List of Unclassifed Manufacturers GB25AV-XC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series GB
Process Sealed Ultra-Miniature Pushbuttons
www.nkk.com
C46
C
Poles
1
SPDT
2
DPDT
PLUNGER
PC TERMINALS
TYPICAL SWITCH ORDERING EXAMPLE
SPDT
ON-(ON) Circuit
Right Angle PC Terminals
.130” (3.3mm) Long Plunger with
.157” (4.0mm) Diameter Red Cap
.130” (3.3mm) Long Plunger
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
GB15AH-XC
Cap Colors
A
Black
B
White
C
Red
Circuits
5
ON
(ON)
( ) = Momentary
Plunger
A
.130” (3.3mm) Long
Straight
Right Angle
1
GB
A
5
H
X
C
A
P
V
H
PC Terminals
P
Straight
H
Right Angle
V
Vertical
Slip-on Cap
X
.157” (4.0mm) Diameter
(2.0) Dia
.079
(3.3)
.130
(2.54) Typ
.100
(2.6)
.102
(2.54) Typ
.100
(0.4) Dia Typ
.016
(7.0)
.276
(4.5)
.177
(0.4) Dia Typ
.016
(2.54) Typ
.100
(7.0)
.276
(4.5)
.177
(2.54) Typ
.100
(0.5) Typ
.020
(4.5)
.177
(7.0)
.276
(0.5) Typ
.020
(2.54) Typ
.100
(2.54) Typ
.100
(0.4) Dia Typ
.016
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are not
actually on the switch.
SP
GB15
ON
(ON)
5-6
5-4
SPDT
DP
GB25
ON
(ON)
5-6 2-3
5-4 2-1
DPDT
POLES & CIRCUITS
5 (COM)
6
4
(COM)
6
4
5
1
2
3
Vertical


Similar Part No. - GB25AV-XC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
GB25AV-XC NKK-GB25AV-XC Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
logo
List of Unclassifed Man...
GB25AV-XC ETC2-GB25AV-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
More results

Similar Description - GB25AV-XC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
List of Unclassifed Man...
G3B15AB ETC2-G3B15AB Datasheet
407Kb / 6P
   Ultra-Miniature Process Sealed SMT Pushbuttons
logo
Nihon Kaiheiki Industry...
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
logo
List of Unclassifed Man...
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
G22KP-YA ETC2-G22KP-YA Datasheet
137Kb / 4P
   Process Sealed Ultra-Miniature Rockers
logo
Nihon Kaiheiki Industry...
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com