Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G18KP-YB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # G18KP-YB
Description  Process Sealed Ultra-Miniature Rockers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

G18KP-YB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G18KP-YB Datasheet HTML 1Page - List of Unclassifed Manufacturers G18KP-YB Datasheet HTML 2Page - List of Unclassifed Manufacturers G18KP-YB Datasheet HTML 3Page - List of Unclassifed Manufacturers G18KP-YB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series G
Process Sealed Ultra-Miniature Rockers
www.nkk.com
B31
B
ACTUATOR
Snap Top for Rocker
K
(4.0)
.157
(2.3)
.090
28°
(3.8)
.150
(1.7) Dia
.067
PC TERMINALS
Straight
P
(2.54) Typ
.100
(2.6)
.102
(2.54) Typ
.100
(0.4) Dia Typ
.016
(7.0)
.276
(4.5)
.177
Color Codes:
Material: Polyamide
Finish: Matte
Colors Available:
A, B, C
Black
White
Red
A
B
C
ROCKER CAP & COLORS
AT4062 Rocker
Y
TYPICAL SWITCH DIMENSIONS
(6.2)
.244
(14.0)
.551
(11.25)
.443
(11.5)
.453
28°
(13.4)
.528
(10.0)
.394
Actual Size
Single & Double Pole
Straight PC
On single pole models positions 1 & 3 are support pins.
G23KP-YA
(6.2)
.244
28°
(11.5)
.452
(4.0) Dia
.156
(0.4) Dia Typ
.016
(2.54) Typ
.100
(2.6)
.102
(14.0)
.551
(3.8)
.150
(1.6)
.063
(7.0)
.276
P/N This Side
4
5
6
1
2
3
(7.0)
.276
(2.54)
.100
(4.5)
.177
(0.6) Dia Typ
.024
(2.54) Typ
.100
(2.54)
.100
4
5
6
(0.6) Dia Typ
.024
(2.54) Typ
.100
(2.54)
.100
1
2
3
4
5
6


Similar Part No. - G18KP-YB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G18KP-YB NKK-G18KP-YB Datasheet
101Kb / 4P
   Process Sealed Ultra-Miniature Rockers
G18KP-YB NKK-G18KP-YB Datasheet
124Kb / 4P
   General Specifications
More results

Similar Description - G18KP-YB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G12KP-YA NKK-G12KP-YA Datasheet
101Kb / 4P
   Process Sealed Ultra-Miniature Rockers
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
logo
Nihon Kaiheiki Industry...
A12KP NKK-A12KP Datasheet
266Kb / 7P
   Process Sealed Subminiature Rockers
logo
List of Unclassifed Man...
A23K1V-DA ETC2-A23K1V-DA Datasheet
241Kb / 7P
   Process Sealed Subminiature Rockers
A13KW-CA ETC2-A13KW-CA Datasheet
888Kb / 8P
   Process Sealed Subminiature Rockers
GB15AP ETC2-GB15AP Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
GB15AH-XC ETC2-GB15AH-XC Datasheet
125Kb / 4P
   Process Sealed Ultra-Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
GB15AP-XA NKK-GB15AP-XA Datasheet
144Kb / 5P
   Process Sealed Ultra-Miniature Pushbuttons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com