Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV2500H-30KI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATV2500H-30KI
Description  High-Density UV-Erasable Programmable Logic Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500H-30KI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATV2500H-30KI Datasheet HTML 5Page - ATMEL Corporation ATV2500H-30KI Datasheet HTML 6Page - ATMEL Corporation ATV2500H-30KI Datasheet HTML 7Page - ATMEL Corporation ATV2500H-30KI Datasheet HTML 8Page - ATMEL Corporation ATV2500H-30KI Datasheet HTML 9Page - ATMEL Corporation ATV2500H-30KI Datasheet HTML 10Page - ATMEL Corporation ATV2500H-30KI Datasheet HTML 11Page - ATMEL Corporation ATV2500H-30KI Datasheet HTML 12Page - ATMEL Corporation ATV2500H-30KI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ATV2500H/L
9
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying
of the ATV2500H/L fuse patterns. Once programmed, the
outputs will read programmed during verify. The security
fuse should be programmed last, as its effect is immediate.
The security fuse also inhibits preload and Q2 observabil-
ity.
Atmel CMOS PLDs
Atmel's Erasable Programmable Logic Devices utilize an
advanced 1.25-micron CMOS EPROM technology. This
technology's state of the art features are the optimum com-
bination for PLDs:
• CMOS technology provides high speed, low power, and
high noise immunity.
• EPROM technology is the most cost effective method for
producing
PLDs
-
surpassing
bipolar
fusible
link
technology in low cost, while providing the necessary
reprogrammability.
• EPROM reprogrammability, which is 100% tested before
shipment, provides inherently better programmability and
reliability than one-time fusible PLDs.
• Atmel's EPROM process has proven extremely reliable
in the volume production of a full line of advanced
EPROM memory products, from 64K to one-megabit
devices.
Using the ATV2500H/L's Many
Advanced Features
The ATV2500H/L's flexibility puts more usable gates in 40
pins than other PLDs. Some of the ATV2500H/L's key fea-
tures are:
• Asynchronous Clocks -
Each of the flip-flops in the ATV2500H/L has a dedicated
product term driving the clock. The user is no longer con-
strained to using one clock for all the registers. Buried state
machines, counters, and registers can all coexist in one
device, while running on separate clocks. The ATV2500H/L
clock period matches that of similar synchronous devices.
• A Total of 48 Registers -
The ATV2500H/L provides two flip-flops for each output
macrocell - a total of 48. Each register has its own clock
and reset product terms, as well as its own sum term.
• Independent I/O Pin and Feedback Paths -
Each I/O pin on the ATV2500/H has a dedicated input path.
Each of the 48 registers has individual feedback terms into
the array. This feature, combined with individual product
terms for each I/O's output enable, facilitates designs using
bi-directional I/O buses.
• Three Sum Terms per Macrocell -
The ATV2500H/L macrocell can be configured with one
SUM term feeding the output, and still have two SUM terms
feeding the flip-flops. This is the simplest method for inter-
facing with an I/O bus, and no flip-flops need be sacrificed.
• Combinable Sum Terms -
Each output macrocell's three SUM terms can be combined
in an OR gate before the output or the register. This pro-
vides up to twelve product terms per output or flip-flop.
When the registered output configuration is chosen, eight
terms are automatically available to D1. The four terms
feeding D2 can also be shared with D1, giving it a total of
twelve. In the combinatorial mode, four, eight, or twelve
terms can feed the output, with the middle four still driving
D1 and the bottom four still driving D2.
Programming Software Support
Software which is capable of transforming Boolean equa-
tions, state machine descriptions and truth tables into
JEDEC files for the ATV2500H/L is currently available from
several PLD software vendors. Please refer to the
Pro-
grammable Logic Development Tools section for a com-
plete listing of the PLD software support.
Erasure Characteristics
The entire memory array of an ATV2500H/L is erased after
exposure to ultraviolet light at a wavelength of 2537 Å.
Complete erasure is assured after a minimum of twenty
minutes exposure using 12,000
µW/cm2 intensity lamps
spaced one inch away from the chip. Minimum erase time
for lamps at other intensity ratings can be calculated from
the minimum integrated erasure dose of fifteen Wsec/cm
2.
To prevent unintentional erasure, an opaque label is rec-
ommended to cover the clear window on any UV erasable
PLD which will be subjected to continuous fluorescent
indoor lighting or sunlight.


Similar Part No. - ATV2500H-30KI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-12JC ATMEL-ATV2500B-12JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-12KC ATMEL-ATV2500B-12KC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JC ATMEL-ATV2500B-15JC Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV2500B-15JI ATMEL-ATV2500B-15JI Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
More results

Similar Description - ATV2500H-30KI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com