Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV750-25GM Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATV750-25GM
Description  High Density UV Erasable Programmable Logic Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV750-25GM Datasheet(HTML) 5 Page - ATMEL Corporation

  ATV750-25GM Datasheet HTML 1Page - ATMEL Corporation ATV750-25GM Datasheet HTML 2Page - ATMEL Corporation ATV750-25GM Datasheet HTML 3Page - ATMEL Corporation ATV750-25GM Datasheet HTML 4Page - ATMEL Corporation ATV750-25GM Datasheet HTML 5Page - ATMEL Corporation ATV750-25GM Datasheet HTML 6Page - ATMEL Corporation ATV750-25GM Datasheet HTML 7Page - ATMEL Corporation ATV750-25GM Datasheet HTML 8Page - ATMEL Corporation ATV750-25GM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ATV750/L
5
Input Test Waveforms and
Measurement Levels
tR, tF < 5 ns (10% to 90%)
Output Test Loads
AC Characteristics
Symbol
Parameter
ATV750-20
ATV750/750L-25
Units
Min
Max
Min
Max
t
PD
Input or Feedback to Non-Registered Output
20
25
ns
t
EA
Input to Output Enable
20
25
ns
t
ER
Input to Output Disable
20
25
ns
t
CO
Clock to Output
20
22
ns
t
CF
Clock to Feedback
5
10
5
10
ns
t
S
Input Setup Time
10
12
ns
t
SF
Feedback Setup Time
5
7
ns
t
H
Hold Time
5
5
ns
t
P
Clock Period
18
22
ns
t
W
Clock Width
8
10
ns
F
MAX
Maximum Frequency
55
45
MHz
t
AW
Asynchronous Reset Width
15
20
ns
t
AR
Asynchronous Reset Recovery Time
15
20
ns
t
AP
Asynchronous Reset to Registered Output Reset
20
25
ns
t
SP
Setup Time, Synchronous Preset
12
15
ns


Similar Part No. - ATV750-25GM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10DM/883 ATMEL-ATV750B-10DM/883 Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10JC ATMEL-ATV750B-10JC Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10JI ATMEL-ATV750B-10JI Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
ATV750B-10LM/883 ATMEL-ATV750B-10LM/883 Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results

Similar Description - ATV750-25GM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
   High-performance, High-density, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
ATF22LV10C ATMEL-ATF22LV10C Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com