Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1150AA01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # F1150AA01
Description  Most Economical Design
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1150AA01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  F1150AA01 Datasheet HTML 1Page - List of Unclassifed Manufacturers F1150AA01 Datasheet HTML 2Page - List of Unclassifed Manufacturers F1150AA01 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Curtis Industries
A Division of Powers Holdings, Inc.
www.curtisind.com
Specifications subject to change.
Dimensions are shown for
reference purposes only.
6
F1100/F1150/F1199 RFI Filters (continued)
Amps
A
B
C
D
E
1A
2.53
(64,3)
1.82
(46,2)
0.66
(16,8)
2.126
(54,0)
2.25
(57,2)
2A
2.53
(64,3)
1.82
(46,2)
0.66
(16,8)
2.126
(54,0)
2.25
(57,2)
3A
2.53
(64,3)
1.82
(46,2)
0.78
(19,8)
2.126
(54,0)
2.61
(66,3)
6A
2.53
(64,3)
1.82
(46,2)
0.78
(19,8)
2.126
(54,0)
2.61
(66,3)
10A
2.53
(64,3)
1.82
(46,2)
1.16
(29,5)
2.126
(54,0)
2.61
(66,3)
20A
2.81
(71,4)
2.07
(52,6)
1.16
(29,5)
2.375
(60,33)
3.36
(85,3)
F1199AA (1, 2, 3, 6, 10 and 20Amp) Dimensions
Amps
A
B
C
D
E
2A
2.53
(64,3)
1.82
(46,2)
0.66
(16,8)
2.126
(54,0)
0.96
(24,4)
3A
2.53
(64,3)
1.82
(46,2)
0.78
(19,8)
2.126
(54,0)
1.32
(33,5)
6A
2.53
(64,3)
1.82
(46,2)
0.78
(19,8)
2.126
(54,0)
1.32
(33,5)
10A
2.53
(64,3)
1.82
(46,2)
1.16
(29,5)
2.126
(54,0)
1.32
(33,5)
F1199BB (2, 3, 6 and 10Amp) Dimensions
AD
B
EC
6.36(0.25) FASTON TERMINAL
WITH Ø1.78 (0.070) HOLE
(SLOTTED HOLE
FOR GROUND)
AD
B
C
WIRE LEADS, 18AWG,
(16AWG FOR 10A).
102(4.0) MIN.
BLUE
BLUE
BROWN
G/Y
BROWN
E
AD
B
E
C
MOUNTING
FLANGE
#8-3 SCREW
TERMINAL
F1100PP Recommended PC Mounting
1.75
.210
L
I
N
E
L
O
A
D
1.25
.062 Dia. Hole
5 Places
.75
1.00
.500
.750
.250 Dia. Pads
5 Places
Stamp this surface
Amps
A
B
C
D
E
10A
2.53
(64,3)
1.82
(46,2)
1.16
(29,5)
2.126
(54,0)
2.72
(69,1)
20A
2.81
(71,4)
2.07
(52,6)
1.16
(29,5)
2.375
(60,33)
3.46
(87,9)
30A
4.20
(106,7)
3.38
(85,9)
1.53
(38,9)
3.75
(95,25)
5.34
(135,6)
F1199DD (10, 20 and 30Amp) Dimensions


Similar Part No. - F1150AA01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1150 RENESAS-F1150 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
F1150 RENESAS-F1150 Datasheet
4Mb / 22P
   This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
December 2014
logo
Integrated Device Techn...
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
More results

Similar Description - F1150AA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
logo
Keystone Electronics Co...
2460 KEYSTONE-2460 Datasheet
450Kb / 1P
   Economical design, available with PC terminals or wire leads
logo
Omron Electronics LLC
3S4YR-HNW OMRON-3S4YR-HNW Datasheet
679Kb / 3P
   Low Profile Magnetic Card Reader/Writer for Economical Design
logo
NXP Semiconductors
75017144 NXP-75017144 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Ohmite Mfg. Co.
RES-40 OHMITE-RES-40 Datasheet
378Kb / 2P
   Economical
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
logo
Mitsumi Electronics, Co...
ML-940 MITSUMI-ML-940 Datasheet
74Kb / 2P
   MOST Connectors
logo
XFMRS Inc.
XFMOST1B XFMRS-XFMOST1B Datasheet
89Kb / 1P
   MOST TRANSFORMER
logo
CIT Relay & Switch
J115F1E CIT-J115F1E Datasheet
266Kb / 4P
   30A economical version
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com