Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATV750B-25PC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATV750B-25PC
Description  High-Speed UV-Erasable Programmable Logic Device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV750B-25PC Datasheet(HTML) 1 Page - ATMEL Corporation

  ATV750B-25PC Datasheet HTML 1Page - ATMEL Corporation ATV750B-25PC Datasheet HTML 2Page - ATMEL Corporation ATV750B-25PC Datasheet HTML 3Page - ATMEL Corporation ATV750B-25PC Datasheet HTML 4Page - ATMEL Corporation ATV750B-25PC Datasheet HTML 5Page - ATMEL Corporation ATV750B-25PC Datasheet HTML 6Page - ATMEL Corporation ATV750B-25PC Datasheet HTML 7Page - ATMEL Corporation ATV750B-25PC Datasheet HTML 8Page - ATMEL Corporation ATV750B-25PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Features
Advanced, High-Speed Programmable Logic Device-Superset of 22V10
– Improved Performance - 7.5 ns tPD, 95 MHz External Operation
– Enhanced Logic Flexibility
– Backward Compatible with ATV750/L Software and Hardware
New Flip-Flop Features
– D- or T-Type
– Product Term or Direct Input Pin Clocking
High-Speed Erasable Programmable Logic Devices
– 7.5 ns Maximum Pin-to-Pin Delay
Highest Density Programmable Logic Available in a 24-Pin Package
Increased Logic Flexibility
– 42 Array Inputs, 20 Sum Terms and 20 Flip-Flops
Enhanced Output Logic Flexibility
– All 20 Flip-Flops Feed Back Internally
– 10 Flip-Flops are Also Available as Outputs
Full Military, Commercial and Industrial Temperature Ranges
Logic Diagram
Description
The ATV750Bs are twice as powerful as most other 24-pin programmable logic
devices. Increased product terms, sum terms, flip-flops and output logic configurations
translate into more usable gates. High-speed logic and uniform, predictable delays
guarantee fast in-system performance.
Device
I
CC, Stand-By
ATV750B
125 mA
ATV750BL
15 mA
Rev. 0301D–05/98
High-Speed
UV-Erasable
Programmable
Logic Device
ATV750B
Pin Configurations
Pin Name
Function
CLK
Clock
IN
Logic Inputs
I/O
Bidirectional Buffers
*
No Internal Connection
V
CC
+5V Supply
DIP/SOIC
PLCC/LCC
Top View
(continued)


Similar Part No. - ATV750B-25PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20DM ATMEL-ATV750-20DM Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20DM/883 ATMEL-ATV750-20DM/883 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20GM ATMEL-ATV750-20GM Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV750-20GM/883 ATMEL-ATV750-20GM/883 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
More results

Similar Description - ATV750B-25PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
   High Speed UV Erasable Programmable Logic Device
ATV2500B ATMEL-ATV2500B Datasheet
868Kb / 18P
   High-Speed High-Density UV Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
   High Density UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
   High Density UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
   High-Density UV-Erasable Programmable Logic Device
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
   Low-Voltage UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
   Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF22V10B ATMEL-ATF22V10B_10 Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com