Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF20V8BQL-15SC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF20V8BQL-15SC
Description  High- Performance EE PLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8BQL-15SC Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF20V8BQL-15SC Datasheet HTML 1Page - ATMEL Corporation ATF20V8BQL-15SC Datasheet HTML 2Page - ATMEL Corporation ATF20V8BQL-15SC Datasheet HTML 3Page - ATMEL Corporation ATF20V8BQL-15SC Datasheet HTML 4Page - ATMEL Corporation ATF20V8BQL-15SC Datasheet HTML 5Page - ATMEL Corporation ATF20V8BQL-15SC Datasheet HTML 6Page - ATMEL Corporation ATF20V8BQL-15SC Datasheet HTML 7Page - ATMEL Corporation ATF20V8BQL-15SC Datasheet HTML 8Page - ATMEL Corporation ATF20V8BQL-15SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ATF20V8B
2
Description
The ATF20V8B is a high performance CMOS (Electrically
Erasable) Programmable Logic Device (PLD) which utilizes
Atmel’s proven electrically erasable Flash memory technol-
ogy. Speeds down to 7.5 ns and power dissipation as low
as 10 mA are offered. All speed ranges are specified over
the full 5V
± 10% range for industrial temperature ranges,
and 5V
± 5% for commercial temperature ranges.
Several low power options allow selection of the best solu-
tion for various types of power-limited applications. Each of
these options significantly reduces total system power and
enhances system reliability.
The ATF20V8Bs incorporate a superset of the generic
architectures, which allows direct replacement of the 20R8
family and most 24-pin combinatorial PLDs. Eight outputs
are each allocated eight product terms. Three different
modes of operation, configured automatically with soft-
ware, allow highly complex logic functions to be realized.
Absolute Maximum Ratings*
Temperature Under Bias ................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1.
Minimum voltage is -0.6V DC which may under-
shoot to -2.0V for pulses of less than 20 ns.Maxi-
mum output pin voltage is V
CC + 0.75V DC which
may overshoot to 7.0V for pulses of less than 20
ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Case)
0°C - 70°C
-40°C - 85°C
V
CC Power Supply
5V
± 5%
5V
± 10%


Similar Part No. - ATF20V8BQL-15SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8BQL ATMEL-ATF20V8BQL Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
More results

Similar Description - ATF20V8BQL-15SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
   High performance EE PLD
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
   High- Performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
   High-performance EE PLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF20V8C ATMEL-ATF20V8C Datasheet
43Kb / 3P
   High- Performance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_97 Datasheet
275Kb / 13P
   High performance EE PLD
ATF22V10C ATMEL-ATF22V10C_09 Datasheet
457Kb / 23P
   High performance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com