Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H Datasheet(PDF) 2 Page - MMD Components

Part # H
Description  H Series Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

H Datasheet(HTML) 2 Page - MMD Components

  H_13 Datasheet HTML 1Page - MMD Components H_13 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com 
Revision:
07/10/13 J
Specifications are subject to change without notice.
Pg 2
Load C apacitance
S = Series
20 = 20pF (Standard)
XX = XXpF (8pF to 50pF)
Tem perature
Toleran ce/Stability*
A = ±50 ppm / ±100 ppm
B = ± 30 ppm / ± 50 ppm
C = ± 15 ppm / ± 30 ppm
D = ± 10 ppm / ± 15 ppm
E = ± 50 ppm / ± 50 ppm
N = ± 10 ppm / ± 10 ppm
Freq uen cy
* Please consult w ith M M D sales departm ent for any other param eters or options.
** Not all Frequency Tolerance/Stability options available at this tem perature range.
O perating Tem perature
A = 0°C to +70°C
B = -20°C to + 70°C
C = -40°C to + 85°C **
Valu e A dded O p tion s
Blank = No Added O ptions
T = Tape and Reel
Mode of O peration
1 = Fundam ental
3 = 3rd O vertone
6mm X 3.5mm x 1 .2m m
4 P ads
H
Part Number Guide
Mechanical Details
ESR Chart
Frequency Range
ESR (Ohms)
Mode / Cut
8.000MHZ to 10.999MHZ
100 max
Fund / AT
11.000MHZ to 11.999MHZ
80 max
Fund / AT
12.000MHZ to 15.999MHZ
60 max
Fund / AT
16.000MHZ to 39.999MHZ
40 max
Fund / AT
40.000MHZ to100.000MHZ
70 max
3rd OT/ AT
PITCH
PITCH
8.00 [.315]
TAPE WIDTH
16.00 [.630]
DIRECTION OF FEED
180[7 IN]
REEL DIA
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters.
3. Tolerances are ±0.10 [.004] mm unless otherwise specified.
4. Do not scale drawing.
REEL DIA
Q1 Q2
Q3 Q4
Q1 Q2
Q4
Q3
TAPE WIDTH
1000
QTY PER REEL
PIN 1 ORIENT.
Q1
Tape & Reel


Similar Part No. - H_13

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
H-130C-1-120 BIVAR-H-130C-1-120 Datasheet
55Kb / 1P
   LED HOLDER INTERLOCKING VARIABLE CENTERLINE
01/21/03
H-130C-1-120 BIVAR-H-130C-1-120 Datasheet
55Kb / 1P
   LED HOLDER INTERLOCKING VARIABLE CENTERLINE
01/21/03
H-130C-1-140 BIVAR-H-130C-1-140 Datasheet
55Kb / 1P
   LED HOLDER INTERLOCKING VARIABLE CENTERLINE
01/21/03
H-130C-1-140 BIVAR-H-130C-1-140 Datasheet
55Kb / 1P
   LED HOLDER INTERLOCKING VARIABLE CENTERLINE
01/21/03
H-130C-1-160 BIVAR-H-130C-1-160 Datasheet
55Kb / 1P
   LED HOLDER INTERLOCKING VARIABLE CENTERLINE
01/21/03
More results

Similar Description - H_13

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
H203PC SWITCH-H203PC Datasheet
24Kb / 1P
   SERIES H-100, H-100PC, H-200, H-200PC
logo
Cree, Inc
FCN13595 CREE-FCN13595 Datasheet
1Mb / 28P
   Crystal series
FCN13552 CREE-FCN13552 Datasheet
713Kb / 19P
   Crystal series
F12916 CREE-F12916 Datasheet
110Kb / 7P
   Crystal series
F12985 CREE-F12985 Datasheet
270Kb / 12P
   Crystal series
logo
RAYEX ELECTRONICS CO., ...
LU-H RAYEX-LU-H Datasheet
618Kb / 2P
   LU-H SERIES
logo
Littelfuse
HK251-73 LITTELFUSE-HK251-73 Datasheet
455Kb / 4P
   H/I-Series
logo
Level One
LXT350 LVL1-LXT350 Datasheet
1Mb / 44P
   Integrated T1/E1 S/H Transceivers With Crystal-less Jitter Attenuation
logo
MMD Components
WC415 MMD-WC415_12 Datasheet
95Kb / 2P
   WC415 Series Crystal
WC519 MMD-WC519_12 Datasheet
98Kb / 2P
   WC519 Series Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com